Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 72 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 72 Page - NEC

Back Button UPD78C18 Datasheet HTML 68Page - NEC UPD78C18 Datasheet HTML 69Page - NEC UPD78C18 Datasheet HTML 70Page - NEC UPD78C18 Datasheet HTML 71Page - NEC UPD78C18 Datasheet HTML 72Page - NEC UPD78C18 Datasheet HTML 73Page - NEC UPD78C18 Datasheet HTML 74Page - NEC UPD78C18 Datasheet HTML 75Page - NEC UPD78C18 Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
72
µPD78C17,78C18
5.
RESET OPERATIONS
When RESET input becomes low, then system reset is activated to create the following status.
o INTERRUPT ENABLE F/F is reset and interrupt is disabled.
o All the interrupt mask registers are set (1) and interrupt is masked.
o An interrupt request flag is reset (0) and pended interrupt is eliminated.
o All PSWs are reset (0).
o 0000H is loaded into the program counter (PC).
o The MODE A, MODE B, MODE C, and MODE F registers are set to FFH and the bits (MM0, 1, and 2) of the
MODE CONTROL C and MEMORY MAPPING registers are respectively reset (0), then all the
ports (A, B, C, D, and F) become input port (high-impedance).
o All the test flags but SB flag are reset (0).
o A timer mode register is set to FFH, and TIMER F/F is reset.
o The mode register (ETMM, EOM) of a timer/event counter is reset (0).
o The serial mode high register (SMH) of serial interface is reset (0), while the serial mode low register
(SML) is set to 48H.
o The A/D channel mode register of the A/D converter is reset (0).
o WR, RD, ALE signals become high-impedance.
o The ZC1, ZC2 bits of the zero-cross mode register (ZCM) are set (1).
o Data memory and the following register contents are undefined.
o The internal timing generator is initialized.
Stack pointer (SP)
Expansion accumulator (EA, EA’), accumulator (A, A’)
General register (B, C, D, E, H, L, B’, C’, D’, E’, H’, L’)
Output latch of each port
TIMER REG0, 1 (TM0, TM1)
TIMER/EVENT COUNTER REG0, 1 (ETM0, ETM1)
RAE bit of MEMORY MAPPING register
SB flag of test flag
When RESET input becomes high, the reset status is released. Then, execution of the program is started
from 0000H. The contents of various kinds of registers must be initialized or re-initialized in the program, if
necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com