Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 28 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 28 Page - NEC

Back Button UPD78C18 Datasheet HTML 24Page - NEC UPD78C18 Datasheet HTML 25Page - NEC UPD78C18 Datasheet HTML 26Page - NEC UPD78C18 Datasheet HTML 27Page - NEC UPD78C18 Datasheet HTML 28Page - NEC UPD78C18 Datasheet HTML 29Page - NEC UPD78C18 Datasheet HTML 30Page - NEC UPD78C18 Datasheet HTML 31Page - NEC UPD78C18 Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
28
µPD78C17,78C18
When this is set as general-purpose input/output ports, as with port A, direct bit setting/resetting/ testing
of port C output latch contents is possible by an arithmetic or logical operation instruction without the use
of an accumulator. Data transfer to/from an accumulator is also possible.
•
µPD78C17 MEMORY MAPPING register (MM)
A register which controls internal RAM access permission.
Bit 3 (RAE) of the MEMORY MAPPING register controls whether or not internal RAM is permitted.
When internal RAM is used in external extension and external memory is used in the area, RAE bit
is set to “0” and internal RAM access is prohibited.
Contents of RAE bit is retained, even if RESET signal is input in the normal operation. However, at
power-on reset, RAE bit is undefined and RAE bit should be initialized by an instruction.
Fig. 2-12
µPD78C17 MEMORY MAPPING Register Format
(5)
PF7 to PF0 (PORT F)
s
µPD78C17
General-purpose input/output ports also used as address bus.
These pins function as address outputs corresponding to the size of externally installed memory accord-
ing to the MODE0 and MODE1 pin settings.
Pins which are not used for address output can be used for general-purpose input/output ports which
have the same port function as for port A. Input/output setting is performed by the MODE F register.
Table 2-3 Operation of
µPD78C17's PF7 to PF0
MODE1
MODE0
PF 7
PF 6
PF 5
PF 4
PF 3
PF 2
PF 1
PF 0
External Address
Space
0
0
Port
Port
Port
Port
AB11
AB10
AB9
AB8
4 Kbytes
0
1
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
16 Kbytes
1
0
Setting prohibited
1
1
AB15 AB14 AB13
AB12 AB11
AB10
AB9
AB8
63 Kbytes
7654321
0
RAE
0
0
0
Internal RAM Access
Disable
0
Enable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com