Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 87 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 87 Page - NEC

Back Button UPD78C18 Datasheet HTML 83Page - NEC UPD78C18 Datasheet HTML 84Page - NEC UPD78C18 Datasheet HTML 85Page - NEC UPD78C18 Datasheet HTML 86Page - NEC UPD78C18 Datasheet HTML 87Page - NEC UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
87
µPD78C17,78C18
7.
LIST OF MODE REGISTERS
5
Read/
Name of Mode Registers
Function
Write
MA
MODE A register
W
Specifies bit-wise the input/output of the port A.
MB
MODE B register
W
Specifies bit-wise the input/output of the port B.
MCC
MODE CONTROL
W
Specifies bit-wise the port/control mode of the port C.
C register
MC
MODE C register
W
Specifies bit-wise the input/output of the port C which is in port mode.
MM
MEMORY MAPPING
W
Specifies the port/expansion mode of port D and port F.
register
MF
MODE F register
W
Specifies bit-wise the input/output of the port F which is in port mode.
TMM
Timer mode register
R/W
Specifies operating mode of timer.
ETMM
Timer/event counter
W
Specifies the operating mode of timer/event counter.
mode register
EOM
Timer/event counter
R/W
Control the output level of CO0 and CO1.
output mode register
SML
W
Serial mode register
Specifies the operating mode of serial interface.
SMH
R/W
MKL
Interrupt mask register
R/W
Specifies the enable/disable of the interrupt request.
MKH
ANM
A/D channel mode
R/W
Specifies the operating mode of A/D converter.
register
ZCM
Zero-cross mode
W
Specifies the operation of zero-cross detector circuit.
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com