Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 90 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 90 Page - NEC

Back Button UPD78C18 Datasheet HTML 86Page - NEC UPD78C18 Datasheet HTML 87Page - NEC UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC UPD78C18 Datasheet HTML 93Page - NEC UPD78C18 Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
90
µPD78C17,78C18
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = AVDD = +5.0 V ±10 %, VSS = AVSS = 0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input voltage, low
VIL1
All except RESET, STOP, NMI,
0
0.8
V
SCK, INT1, TI, AN7 to AN4
VIL2
RESET, STOP, NMI, SCK, INT1,
0
0.2VDD
V
TI, AN7 to AN4
Input voltage,
VIH1
All except RESET, STOP, NMI,
2.2
VDD
V
high
SCK, INT1, TI, AN7 to AN4, X1, X2
VIH2
RESET, STOP, NMI, SCK, INT1,
0.8VDD
VDD
V
TI, AN7 to AN4, X1, X2
Output voltage, low
VOL
IOL = 2.0 mA
0.45
V
Output voltage,
VOH
IOH = –1.0 mA
VDD
V
high
– 1.0
IOH = –100
µAVDD
V
– 0.5
Input current
II
INT1Note1, TI (PC3)Note2 ; 0 V
≤ VI ≤ VDD
±200
µA
Input leakage
ILI
All except INT1, TI (PC3); 0 V
≤ VI ≤ VDD
±10
µA
current
Output leakage
ILO
0 V
≤ VO ≤ VDD
±10
µA
current
AVDD power
AIDD1
Operating mode fXX = 15 MHz
0.5
1.3
mA
supply current
AIDD2
STOP mode
10
20
µA
VDD power
IDD1
Operating mode fXX = 15 MHz
16
30
mA
supply current
IDD2
HALT mode fXX = 15 MHz
7
13
mA
Data retention
VDDDR
Hardware/software STOP mode
2.5
V
voltage
Data retention
IDDDR
Hardware/softwareNote3
VDDDR = 2.5 V
1
15
µA
current
STOP mode
VDDDR = 5 V
±10 %
10
50
µA
Pull-up resistor
RL
Ports A, B, and C
3.5 V
≤ VDD ≤ 5.5 V,
17
27
75
k
Ω
VI = 0 V
Notes 1. If self-bias should be generated by ZCM register.
2. If the control mode is set by MCC register, and self-bias should be generated by ZCM register.
3. If self-bias is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com