Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 104 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 104 Page - NEC

Back Button UPD78C18 Datasheet HTML 100Page - NEC UPD78C18 Datasheet HTML 101Page - NEC UPD78C18 Datasheet HTML 102Page - NEC UPD78C18 Datasheet HTML 103Page - NEC UPD78C18 Datasheet HTML 104Page - NEC UPD78C18 Datasheet HTML 105Page - NEC UPD78C18 Datasheet HTML 106Page - NEC UPD78C18 Datasheet HTML 107Page - NEC UPD78C18 Datasheet HTML 108Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
104
µPD78C17,78C18
64 PIN PLASTIC QUIP (UNIT: mm)
H
I
M
A
64
132
33
M
N
J
K
W
X
P64GQ-100-36
ITEM
MILLIMETERS
INCHES
A
C
H
I
J
K
M
N
P
S
W
1.27 (T.P.)
0.25
16.5
0.100 (T.P.)
0.050 (T.P.)
0.010
0.157
1.634
NOTE
X
4.0
0.750
Each lead centerline is located within 0.25 mm
(0.010 inch) of its true position (T.P.) at maxi-
mum material condition.
0.142
0.043
0.020
24.13
0.950
0.010
0.25
2.54 (T.P.)
+0.004
–0.005
+0.011
–0.006
+0.012
–0.008
+0.004
–0.005
41.5
+0.3
–0.2
0.50
+0.10
–
1.1
+0.25
–0.15
+0.10
–0.05
+0.3
–
3.6
+0.1
–
+1.05
–
19.05
+1.05
–
0.650
+0.004
–0.003
+0.013
–0.012
+0.042
–
+0.042
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com