Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 30 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 30 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 26Page - Microchip Technology SEC2410 Datasheet HTML 27Page - Microchip Technology SEC2410 Datasheet HTML 28Page - Microchip Technology SEC2410 Datasheet HTML 29Page - Microchip Technology SEC2410 Datasheet HTML 30Page - Microchip Technology SEC2410 Datasheet HTML 31Page - Microchip Technology SEC2410 Datasheet HTML 32Page - Microchip Technology SEC2410 Datasheet HTML 33Page - Microchip Technology SEC2410 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 30
 2013 - 2014 Microchip Technology Inc.
The memory sub-system has an arbiter for each ROM or RAM. The typical use is most ICode instruction access occur
to ROM or IRAM, and most data accesses are to DRAM. When code is downloaded to IRAM, or data such as literals
are fetched from ROM or IRAM, there could be contention for access to these memories. The arbiter for each memory
prioritizes the DCode accesses higher than ICode acceses and AHB bus accesses.
The optional AHB slave port may be connected in a system to CR_AHB/SYS_AHB bus (if this is bus matrix). This
enables other AHB masters such as DMA controllers in the system to access processor memory complex. This access
is controllable through programmable memory ranges for security.
The default memory map is shown below. All addresses here are from the processor perspective.
4.4
ARM-M3 AHB System Bus Interface
The ARM-M3 has a AHB-Lite System Bus Master interface (0x20000000 to 0xDFFFFFFF and 0xE0100000 -
0xFFFFFFFF; The ARM can perform 8-bit, 16-bit and 32-bit loads and stores on the System Bus. Instruction fetches
over the System Bus are also supported
4.5
ARM-M3 Registers
4.6
Illegal Address Access
An access on the system AHB bus can generate an illegal address, if any of the following conditions are met:
1.
The device or memory being accessed does not exist.
2.
The device or memory being accessed is turned off.
3.
The access takes more than 511 clock cycles.
If the processor accesses an illegal address the hardware must generate a complete bus error response on the system
AHB bus.
4.7
ARM-M3 Interrupts
After RESET, the interrupt vector table will be located at 00000000h, which is in the Internal ROM.
TABLE 4-1:
ARM-M3 INTERRUPT
Name
ISR
Vector
Priority
Description
Stack Pointer Top
0
00000000h
Stack Pointer loaded on reset
Reset
1
00000004h
-3
ARM-M3 Reset
NMI
2
00000008h
-2
Non maskable interrupt
Hard Fault
3
0000000Ch
-1
All classes of Fault, when the fault
cannot activate because of priority or the
Configurable Fault handler has been
disabled. This is synchronous
Memory Management
4
00000010h
C
Unused
Bus Fault
5
00000014h
C
Pre-fetch fault, memory access fault, and
other address/memory related. This is
synchronous when precise and
asynchronous when imprecise.
Usage Fault
6
00000018h
C
Usage fault, such as Undefined
instruction executed or illegal state
transition attempt. This is synchronous.
Reserved
7-10
0000001Ch-
00000028H
Reserved
SVCall
11
0000002Ch
C
System service call with SVC instruction.
This is synchronous.
Debug Monitor
00000030h
C
Debug monitor, when not halting. This is
synchronous, but only active when
enabled. It does not activate if lower
priority than the current activation.
Reserved
00000034h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com