Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 79 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 79 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 75Page - Microchip Technology SEC2410 Datasheet HTML 76Page - Microchip Technology SEC2410 Datasheet HTML 77Page - Microchip Technology SEC2410 Datasheet HTML 78Page - Microchip Technology SEC2410 Datasheet HTML 79Page - Microchip Technology SEC2410 Datasheet HTML 80Page - Microchip Technology SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 79
SEC2410/SEC4410
11.6
Operating Modes
11.6.1
TIMER MODE
The Timer mode of the SEC2410/SEC4410 is used to generate periodic interrupts to the EC. When operating in this
mode the timer always counts down based on one of the internally generated clock sources. The Timer mode is selected
by setting the Timer Mode Select bits in the Timer Control Register. See Section 11.8.1, "Timer x Control Register," on
page 86.
The period between timer interrupts and the width of the output pulse is determined by the speed of the clock source,
the clock divide ratio and the value programmed into the Timer Reload Register. The timer clock source and clock rate
are selected using the Clock Source Select bits (TCLK) in the Timer x Clock and Event Control Register. See Section
11.8.2, "Timer x Clock and Event Control Register," on page 87.
11.6.1.1
Timer Mode Underflow
The SEC2410/SEC4410 timers operating in Timer mode can underflow in two different ways. One method, the Reload
mode shown in Figure 11-2, is to reload the value programmed into the Reload register and continue counting from this
value. The second method, Free Running mode Figure 11-3, is to set the timer to FFFFh and continue counting from
this value. The underflow behavior is controlled by the RLOAD bit in the Timer Control Register.
TABLE 11-3:
TIMER MODE OPERATIONAL SUMMARY
Item
Description
Timer Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Filter Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Count Operation
Down Counter
Reload Operation
When the timer underflows:
RLOAD = 1, timer reloads from Timer Reload Reg
RLOAD = 0, timer rolls over to FFFFh.
Count Start Condition
UPDN = 0 (timer only mode): ENABLE = 1
UPDN = 1 (timer gate mode): ENABLE = 1 & TIN = 1;
Count Stop Condition
UPDN = 0: ENABLE = 0;
UPDN = 1: (ENABLE= 0 | TIN = 0)
Interrupt Request Generation
Timing
When timer underflows from 0000h to reload value (as determined by RLOAD) an
interrupt is generated.
TINx Pin Function
Provides timer gate function
TOUTx Pin Function
TOUT toggles each time the timer underflows (if enabled).
Read From Timer
Current count value can be read by reading the Timer Count Register
Write to Preload Register
After the firmware writes to the Timer Reload Register asserting the RESET loads
the timer with the new value programmed in the Timer Reload Register.
Note: If the firmware does not assert RESET, the timer will automatically load the
Timer Reload Register value when the timer underflows. When the timer is
running, values written to the Timer Reload Register are written to the timer
counter when the timer underflows. The assertion of Reset also copies the Timer
Reload Register into the timer counter.
Selectable Functions
Reload timer on underflow with programmed Preload value (Basic Timer)
Reload timer with FFFFh in Free Running Mode (Free-running Timer)
Timer can be started and stopped by the TINx input pin (Gate Function)
The TOUTx pin changes polarity each time the timer underflows (Pulse Output
Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com