Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 6 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 2Page - Microchip Technology SEC2410 Datasheet HTML 3Page - Microchip Technology SEC2410 Datasheet HTML 4Page - Microchip Technology SEC2410 Datasheet HTML 5Page - Microchip Technology SEC2410 Datasheet HTML 6Page - Microchip Technology SEC2410 Datasheet HTML 7Page - Microchip Technology SEC2410 Datasheet HTML 8Page - Microchip Technology SEC2410 Datasheet HTML 9Page - Microchip Technology SEC2410 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 6
 2013 - 2014 Microchip Technology Inc.
1.2
SEC4410 Block Diagram
FIGURE 1-2:
SEC4410 Block Diagram
FMDU
CTL
ARM
Processor
AHB Bridge
RAM
HSIC
HSIC
FMI
BUS
INTFC
BUS
INTFC
AES
Block
EP0 TX
EP0 RX
EP2 TX
EP2 RX
EP1 RX
EP1 TX
Clock
Generation and
Control
10K
total
3.3 V
VDD12
3.3 V
PLL
24 MHz
Crystal
SIE
CTL
SEC 4410
ROM
64 KB
Code RAM
96 KB
Data RAM
32 KB
1.2 V Ref
Program Memory I/O Bus
Multiplexed
Interface
SPI
Interface
SPI
Interface
Trace FIFO
SmartCard
SmartCard
Interface
GPIO10/
VAR_CRD_PWR
PWR_FET1
GPIOs
1.2 V Reg
1.2 V
Reg
VDD12PLLMON
SD1
SD2
AUTO_CBW
PROC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com