Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 34 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 34 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 30Page - Microchip Technology SEC2410 Datasheet HTML 31Page - Microchip Technology SEC2410 Datasheet HTML 32Page - Microchip Technology SEC2410 Datasheet HTML 33Page - Microchip Technology SEC2410 Datasheet HTML 34Page - Microchip Technology SEC2410 Datasheet HTML 35Page - Microchip Technology SEC2410 Datasheet HTML 36Page - Microchip Technology SEC2410 Datasheet HTML 37Page - Microchip Technology SEC2410 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 34
 2013 - 2014 Microchip Technology Inc.
5.0
ARM-M3 EXTERNAL INTERRUPTS
5.1
General Description
The ARM M3 has a closely coupled Nested Vectored Interrupt Controller (NVIC) that supports up to 240 dynamically
reprioritizable interrupts each with up to 256 levels of priority. The NVIC and the processor core interface are closely
coupled, which enables low latency interrupt processing and efficient processing of late arriving interrupts. The NVIC
maintains knowledge of the stacked (nested) interrupts to enable tail-chaining of interrupts. The following is a list of the
external interrupts used in SEC2410/SEC4410. The interrupt vectors for the external interrupts start at position 16 in the
vector table
5.2
Interrupt Summary
TABLE 5-1:
INTERRUPT LIST
IRQ Number
Name
Description
0
USB_RESET
USB Reset from UDC20
1
CLR_STALL
USB Clear Stall from UDC20
2
SET_CONF
USB Set Config from UDC20
3
SUSPEND
USB Suspend from UDC20
4
SET_INTF
USB Set Interface from UDC20
5
SETUP
USB Setup Packet from UDC20
6
RES_INTR_06
Reserved for future use
7
WAKEUP
System Wakeup
8
WQ_FIFO_INTR
WQ fifo interrupt
9
TIMER_3
Timer 3 overflow
10
TIMER_2
Timer 2 overflow
11
TIMER_1
Timer 1 overflow
12
TIMER_0
Timer 0 overflow
13
SMART_CARD_INT
Smart Card Interrupt
14
UART_INT
UART Interrupt
15
AES_UNALIGNED_ACCESS
AES Error Interrupt
16
AES_UNDER_RUN
AES Error Interrupt
17
SIE_EP3_WR
SIE Write Endpoint
18
SIE_EP3_RD
SIE Read Endpoint
19
SIE_EP2_WR
SIE Write Endpoint
20
SIE_EP2_RD
SIE Read Endpoint
21
SIE_EP1_WR
SIE Write Endpoint
22
SIE_EP1_RD
SIE Read Endpoint
23
SIE_EP0_WR
SIE Write Endpoint
24
SIE_EP0_RD
SIE Read Endpoint
25
LUN_TIMEOUT
FMDU LUN Timeout interrupt
26
AUTO_CBW_INTR
Auto CBW processor interrupt
27
FMDU_EP0_WR_INTR
FMDU EP0 Write interrupt
28
FMDU_EP0_RD_INTR
FMDU EP0 Read interrupt
29
AES_FIFO_OVERFLOW
AES FIFO Overflow Interrupt
30
OTP_READY
OTP Ready
31
AES_RESIDUAL
AES Residual Interrupt
32
RES_INTR_32
Reserved for future use
39
SD1_CMD_ERR
From SDC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com