Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 74 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 74 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 70Page - Microchip Technology SEC2410 Datasheet HTML 71Page - Microchip Technology SEC2410 Datasheet HTML 72Page - Microchip Technology SEC2410 Datasheet HTML 73Page - Microchip Technology SEC2410 Datasheet HTML 74Page - Microchip Technology SEC2410 Datasheet HTML 75Page - Microchip Technology SEC2410 Datasheet HTML 76Page - Microchip Technology SEC2410 Datasheet HTML 77Page - Microchip Technology SEC2410 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 74
 2013 - 2014 Microchip Technology Inc.
Note 10-1
When the counter reaches 0000h it wraps to the preload value and starts counting down again. This
creates a pulse on the WDT Event output.
Note 10-2
Anytime the Counter is deactivated, the clock source to the counters should be gated in the WDT
block to conserve power. This is in addition to the Power and Clocking logic gating the source clocks.
10.7
Instance Description
There is one instance of the Watchdog Timer Interface block implemented in SEC2410/SEC4410located at address
0x40020400.
10.8
Detailed Register Descriptions
10.8.1
WDT LOAD REGISTER
TABLE 10-2:
WDT STALL EVENT BEHAVIOR
WDT STALL
Inputs
(Activity Indicator)
WDT Control Register
WDT Behavior
WDT Event
Output
STALL_EN
Bit
WDT Enable
Bit
X
X
0
Counter is reset and not active.
Clock source to counter is gated to save power.
0
X
0
1
Count is active
if counter > 0000h
0
01
1
X
X
1
Count is decremented to 0000h
1
1
1
1
Counter is not active.
Clock source to counter is gated to save power.
0
TABLE 10-3:
WATCHDOG TIMER INTERFACE REGISTER SUMMARY
Register Name
Address
WDT Load Register
0x40020400
WDT Control Register
0x40020404
WDT Kick Register
0x40020408
WDT Count Register
0x4002040C
TABLE 10-4:
WDT LOAD REGISTER
WDT_LOAD
(ADDR 0XF00400, RESET=0XFFFF)
Watch Dog Load Register
Bit
Name
R/W
Description
15:0
WDT_LOAD
R/W
Writing this field reloads the Watch Dog Timer counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com