Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 75 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 75 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 71Page - Microchip Technology SEC2410 Datasheet HTML 72Page - Microchip Technology SEC2410 Datasheet HTML 73Page - Microchip Technology SEC2410 Datasheet HTML 74Page - Microchip Technology SEC2410 Datasheet HTML 75Page - Microchip Technology SEC2410 Datasheet HTML 76Page - Microchip Technology SEC2410 Datasheet HTML 77Page - Microchip Technology SEC2410 Datasheet HTML 78Page - Microchip Technology SEC2410 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 75
SEC2410/SEC4410
10.8.2
WDT CONTROL REGISTER
10.8.3
WDT KICK REGISTER
10.8.4
WDT COUNT REGISTER
TABLE 10-5:
WDT CONTROL REGISTER
WDT_CTL
(ADDR 0XF00404, RESET=0X00)
Watch Dog Timer Control Register
Bit
Name
R/W
Description
7:5
Reserved
R
Always read ‘0’
4
JTAG_STALL_EN
R/W
This bit is used to enable the JTAG_ACTIVE (JTAG_RST# pin not
asserted) WDT STALL Operation on page 73.
0= JTAG_ACTIVE WDT STALL Operation not enabled
1= JTAG_ACTIVE WDT STALL Operation enabled
3
WT_STALL_EN
R/W
Firmware must always set this bit to ‘0’.
2
HT_STALL_EN
R/W
Firmware must always set this bit to ‘0’.
1
WDT_STATUS
R/W
WDT_STATUS is set by hardware if the last reset of
SEC2410/SEC4410 was caused by an underflow of the WDT. See
Section 10.6.3, "WDT Reload Mechanism," on page 73 for more
information.
This bit must be cleared by the EC firmware writing a ‘1’ to this bit.
Writing a ‘0’ to this bit has no effect
0
WDT_ENABLE
R/W
The default of the WDT is inactive.
In WDT Operation, the WDT is activated by the sequence of
operations defined in Section 10.6.1, "WDT Activation Mechanism"
and deactivated by the sequence of operations defined in Section
10.6.2, "WDT Deactivation Mechanism". In WDT STALL Operation,
hardware may be enabled to automatically activate and deactivate the
WDT.
TABLE 10-6:
WDT KICK REGISTER
WDT_KICK
(ADDR 0XF00408, RESET=NA)
Watch Dog Timer Kick Register
Bit
Name
R/W
Description
7:0
KICK
W
This register is a strobe. Reads of this register return 0.
Writes to this register cause the WDT to reload the WDT_LOAD value
and start decrementing when the WDT_ENABLE bit in the WDT_CTL
register is set to ‘1’. When the WDT_ENABLE but is cleared to ‘0’,
writes to this register have no effect.
TABLE 10-7:
WDT COUNT REGISTER
WDT_COUNT
(ADDR 0XF0040C, RESET=0XFFFF)
Watch Dog Count Register
Bit
Name
R/W
Description
15:0
WDT_COUNT
R
This register provide the current WDT count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com