Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 98 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 98 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 94Page - Microchip Technology SEC2410 Datasheet HTML 95Page - Microchip Technology SEC2410 Datasheet HTML 96Page - Microchip Technology SEC2410 Datasheet HTML 97Page - Microchip Technology SEC2410 Datasheet HTML 98Page - Microchip Technology SEC2410 Datasheet HTML 99Page - Microchip Technology SEC2410 Datasheet HTML 100Page - Microchip Technology SEC2410 Datasheet HTML 101Page - Microchip Technology SEC2410 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 98
 2013 - 2014 Microchip Technology Inc.
12.8
SPI Timing
TABLE 12-7:
SPI RESPONSE BUFFER
SPI_RSP_BUF
(0X0010~0X0017 - RESET=0X00)
SPI Response buffer
Byte
Name
R/W
Description
7:0
SPI_RSP_BUF[0:7]
R/W
This buffer is used by processor to store incoming SPI responses.
See behavioral description.
Note:
First byte to be written is SPI_RSP_BUF[0] at offset location 0x0010.
TABLE 12-8:
SPI PAD CURRENT CONTROL REGISTER
PAD_CTL_SPI
(0x0018 - reset=0x00)
Pad Current Control
Byte
Name
R/W
Description
7:2
Reserved
R
Always read “0”.
1:0
SEL
R/W
00 = 6 mA Operation (default)
01 = 8 mA Operation
10 = 10 mA Operation
11 = 12 mA Operation
Note:
This register only has effect when the SPI interface is
enabled.
FIGURE 12-9:
SPI TIMING
TABLE 12-9:
SPI TIMING 60 MHZ OPERATION
Name
Parameter
Min
Max
Unit
TFC
Clock Frequency
60
MHz
TCEH
Chip Enable High Time
50
ns
TCLO
Clock to Input Data
9
ns
SPI_CEN
SCK
SPI_DI
SPI_DO
TDH
Input Data
Valid
TCLQ
Output Data
Valid
TOV
TOH
Output Data
Valid
TOS
TOH
TFC
TCEH
TCEL
TCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com