Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 41 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 41 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 37Page - Microchip Technology SEC2410 Datasheet HTML 38Page - Microchip Technology SEC2410 Datasheet HTML 39Page - Microchip Technology SEC2410 Datasheet HTML 40Page - Microchip Technology SEC2410 Datasheet HTML 41Page - Microchip Technology SEC2410 Datasheet HTML 42Page - Microchip Technology SEC2410 Datasheet HTML 43Page - Microchip Technology SEC2410 Datasheet HTML 44Page - Microchip Technology SEC2410 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 41
SEC2410/SEC4410
7.0
MEMORY MAP
7.1
Bus Map Overview
The ARM has three external AHB-Lite buses. The ICode bus is used for instruction fetches in the range of 0x00000000
to 0x1FFFFFFF. The DCode bus is used for data and debug access in the same range from 0x00000000 to
0x1FFFFFFF. The System bus allows instruction fetch, data, and debug access to the ranges 0x20000000-
0xDFFFFFFF and 0xE0100000-0xFFFFFFFF.
The System bus coming out of the ARM is divided into 5 regions. The first is the CR_X32 bus which is a 32 bit version
of the Xdata bus. This is done through a bridge which occupies a 64Kbyte address space 0x40000000~0x40000FFFF.
All the card reader control registers reside in this space. The second region is CR_AHB which is the AHB bus in the
card readers. This is done through another bridge which occupies a 16Mbyte address space (between
0x20000000~0x20FFFFFF. The third region is the EC_SPB which is also a 64Kbyte address space from 0x40020000-
0x4002FFFF. The forth is the SPI region 0x60000000 to 0x60FFFFFF. Any access in this region results in access from
the external SPI rom if present. The remaining region is used to decode for devices such as SmartCard, clock control,
Data SRAM etc.
FIGURE 7-1:
BUS ADDRESSES
AHB
To
SPB
AHBS
AHB
To
AHB
SPI
Interface
AHB
To
CR_X32
Trace Fifo
0x60000000-
0x6100BFFF
0x40000000 ~ 0x4000FFFF
0x42000000 ~ 0x421FFFFF
0x40020000 ~ 0x4002FFFF
0x42400000 ~ 0x425FFFFF
0x20000000 ~ 0x200FFFFF
0x22000000 ~ 0x23FFFFFF
CR_AHB
EC_SPB
CR_X32
ROM
32KB
CODE
RAM
96KB
ARM Cortex-M3
System AHB
AHBC
AHBS
External
Interrupts
JTAG
nReset
Clocks
DNOTITRANS
1
0x00060000-
0x00067FFF
0x00000000-
0x00007FFF
0x00020000-
0x00037FFF
0x20000000-
0xDFFFFFFF
(System AHB bus)
DATA
RAM
32KB
AHB Slave
(NC)
Arbiter
Arbiter
Arbiter
OTP
&
TEST
0x62000800-
0x62000BFF
CLOCK
Control
0x62000400-
0x620007FF
Smart
Card
0x62000000-
0x620003FF
External Access
0x60000000-
0x60FFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com