Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 19 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 15Page - Microchip Technology SEC2410 Datasheet HTML 16Page - Microchip Technology SEC2410 Datasheet HTML 17Page - Microchip Technology SEC2410 Datasheet HTML 18Page - Microchip Technology SEC2410 Datasheet HTML 19Page - Microchip Technology SEC2410 Datasheet HTML 20Page - Microchip Technology SEC2410 Datasheet HTML 21Page - Microchip Technology SEC2410 Datasheet HTML 22Page - Microchip Technology SEC2410 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 19
SEC2410/SEC4410
26
29
SD2_D6/
GPIO24
I/O12PU
SD2 Data 6
The SD2_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
27
30
SD2_CLK/
GPIO26
O12
SD2 Clock
An output clock signal to SD2/MMC device, where the
clock frequency is software configurable.
28
31
VDD33
3.3 V Power
29
32
GPIO9/
CRD_PWR
I/O200
Card Power 2 Drive
The card power drive of 3.3 V at 200 mA.
30
33
SD2_D5/
GPIO23
I/O12PU
SD2 Data 5
The SD2_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
31
34
SD2_CMD/
GPIO17
I/O12PU
SD2 Command
A bi-directional signal that connects to the CMD signal of
the SD2/MMC device and has a weak internal pull-up
resistor.
32
35
SD2_D4/
GPIO22
I/O12PU
SD2 Data 4
The SD2_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
-
36
SEL25M_CLKDRIVE
I
Select 25 MHz Clock
This pin selects the 25 MHz OSC as the clock source.
0
: clock source is 24 Hz XTAL
1
: clock source is 25MHz OSC on XTAL1/CLKIN
(XTAL2 is not used)
When present on a package this pin MUST be tied high
or tied low (direct connection 3.3 V or ground is
acceptable).
There is no internal pull-up or pull-down.
-
37
TRACECLK
O12
Debug Trace Clock
The clock out of the ETM trace module when debugging
is enabled.
33
38
SD2_D3/
GPIO21
I/O12PU
SD2 Data 3
The SD2_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
34
39
SD2_D2/
GPIO20
I/O12PU
SD2 Data 2
The SD2_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
35
40
VDD33
3.3 V Power
36
41
GPIO6
(SD1_WP)
I/O12
SD1 Write Protect Detection
The secure digital card mechanical write protect
detection pin.
37
42
GPIO15
(SD1_nCD)
IPU
SD1 Card Detect
This secure digital card detection pin.
38
43
SD1_D1
I/O12PU
SD1 Data 1
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
TABLE 3-3:
SEC2410 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Buffer type
Description
64-QFN 72-QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com