Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 17 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 13Page - Microchip Technology SEC2410 Datasheet HTML 14Page - Microchip Technology SEC2410 Datasheet HTML 15Page - Microchip Technology SEC2410 Datasheet HTML 16Page - Microchip Technology SEC2410 Datasheet HTML 17Page - Microchip Technology SEC2410 Datasheet HTML 18Page - Microchip Technology SEC2410 Datasheet HTML 19Page - Microchip Technology SEC2410 Datasheet HTML 20Page - Microchip Technology SEC2410 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 17
SEC2410/SEC4410
6
SPI_CEN
I/O12
SPI Chip Enable
Active low chip enable output. If the SPI interface is
enabled, this pin must be driven high in power down
states.
7
SPI_CLK/
GPIO4
I/O12
SPI Clock Out
Clock signal out to the serial ROM.
Note:
During reset, this pin must be driven low.
8
SPI_DO/
I/O12
SPI Serial Data Out
The output for the SPI port.
(SPD_SEL)/
GPIO5
SPI Speed Select
Selects the speed of the SPI interface. During RESET_N
assertion, this pin will be tri-stated with the weak pull-
down resistor enabled.
When RESET_N is negated, the value on the pin will be
internally latched, and the pin will revert to SPI_DO
functionality, where the internal pull-down will be
disabled.
0
: 30 MHz (no external resistor should be applied)
1
: 60 MHz (a 10 k
Ω external pull-up resistor must be
applied)
If the latched value is 1, then the pin is tri-stated when
the chip is in the suspend state. If the latched value is 0,
then the pin is driven low during a suspend state.
9
SPI_DI/
GPIO2
I/O12PD
SPI Serial Data In
The SPI data in to the controller from the ROM. This pin
has a weak internal pull-down applied at all times to
prevent floating.
10
CRFILT
+1.2 V Core Power Bypass
This pin must have a 1.0
μF (or greater) ± 20% (ESR <
0.1
Ω) capacitor to VSS.
11
VDD33
3.3 V Power
12
JTAG_TMS
I
JTAG Mode Select
The JTAG mode select to the internal debug/test
controller, which must have a pull-up resistor enabled
during normal operation. The pull-up and the input must
be disabled during reset.
13
JTAG_TDO
O12
JTAG Data Out
The JTAG data out from the internal debug/test
controller, which must be disabled during reset.
14
JTAG_TDI
I
JTAG Data In
The JTAG data in to the internal debug/test controller,
which must have a pull-up resistor enabled during
normal operation. The pull-up and the input must be
disabled during reset.
15
JTAG_TCK
I
JTAG Clock
The JTAG clock input to the internal debug/test
controller, which must have a pull-up resistor enabled
during normal operation. The pull-up and the input must
be disabled during reset.
TABLE 3-3:
SEC2410 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Buffer type
Description
64-QFN 72-QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com