Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 83 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 83 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 79Page - Microchip Technology SEC2410 Datasheet HTML 80Page - Microchip Technology SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology SEC2410 Datasheet HTML 84Page - Microchip Technology SEC2410 Datasheet HTML 85Page - Microchip Technology SEC2410 Datasheet HTML 86Page - Microchip Technology SEC2410 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 83
SEC2410/SEC4410
Write to Preload Register
After the firmware writes to the Timer Reload Register, asserting the RESET loads the
timer with the new value programmed in the Timer Reload Register.
Note: If the
firmware does not assert RESET, the timer will automatically load the Timer Reload
Register value when the timer underflows.
Selectable Functions
• Pulse Output Function
The TOUTx pin is asserted when the timer starts and de-asserted when the timer
stops.
FIGURE 11-7:
TIMER START BASED ON ENABLE BIT
FIGURE 11-8:
TIMER START BASED ON EXTERNAL EVENT
FIGURE 11-9:
ONE SHOT TIMER WITH PULSE OUTPUT
TABLE 11-5:
ONE SHOT MODE OPERATIONAL SUMMARY (CONTINUED)
Item
Description
Timer Value
Timer Enable Bit
Timer Clock
A9FFh
A9FEh
0001h
AA00h
Timer Interrupt
cleared by hardware
0000h
Timer Value
Timer Enable Bit
Timer Clock
0xA9FF 0xA9FE
0x0001
Timer Interrupt
cleared by hardware
0xAA00
Event Input
0x0000 0xFFFF
Timer Value
Timer Enable Bit
Timer Clock
0xA9FF 0xA9FE
0x0001
0xAA00
Timer Interrupt
cleared by hardware
0x0000 0xFFFF
Tout
0xA9FF 0xA9FE
0x0001 0x0000 0xFFFF
0xAA00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com