Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 84 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 84 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 80Page - Microchip Technology SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology SEC2410 Datasheet HTML 84Page - Microchip Technology SEC2410 Datasheet HTML 85Page - Microchip Technology SEC2410 Datasheet HTML 86Page - Microchip Technology SEC2410 Datasheet HTML 87Page - Microchip Technology SEC2410 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 84
 2013 - 2014 Microchip Technology Inc.
11.6.4
MEASUREMENT MODE
The Measurement mode is used to measure the pulse width or period of an external signal. An interrupt to the EC is
generated after each measurement or if the timer overflows and no measurement occurred. The timer measures the
pulse width or period by counting the number of clock between edges on the TINx pin. The timer always stars counting
at zero and counts up to 0xFFFF. The accuracy of the measurement depends on the speed of the clock being used. The
speed of the clock also determines the maximum pulse width or period that can be detected.
11.6.4.1
Pulse Width Measurements
The timers measure pulse width by counting the number of timer clocks since the last rising or falling edge of the TINx
input. To measure the pulse width of a signal on the TINx pin, bits in the Clock and Event Control Register, must be set
to start counting on rising and falling edges. The timer starts measuring on the next edge (rising or falling) on the TINx
pin after the ENABLE bit is set. The Reload register stores the result of the last measurement taken. If the timer over-
flows, 0x0000 is written to the Reload register and the ENABLE bit is cleared stopping the timer. Figure 11-10 shows
the timer behavior when measuring pulse widths.
The timer will not assert an interrupt in Pulse Measurement mode until the timer detects both a rising and a falling edge.
TABLE 11-6:
MEASUREMENT MODE OPERATIONAL SUMMARY
Item
Description
Timer Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Filter Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Count Operation
• Up Count
• At measurement pulse's effective edge, the count value is transferred to the Timer
Reload Register and the timer is loaded with 0000h and continues counting.
Count Start Condition
• Timer enable is set (ENABLE = 1)
Count Stop Condition
• Timer is reset (RESET = 1)
• Timer overflows
• Timer enable is cleared (ENABLE = 0)
Interrupt Request
Generation Timing
• When timer overflows
• When a measurement pulse’s effective edge is input. (An interrupt is not gener-
ated on the first effective edge after the timer is started.)
TINx Pin Function
Programmable Input port or Measurement input
Read From Timer
When the Timer x Reload Register is read it indicates the measurement result from
the last measurement made. The Timer x Reload Register reads 0000h if the timer
overflows before a measurement is made.
Write to Timer
Timer x Reload Register is Read-Only in Measurement mode
FIGURE 11-10:
PULSE WIDTH MEASUREMENT
Timer Value
TIN
x
Timer Clock
0x000
1
0x000
2
Timer Reload
Register
Timer Enable Bit
0x000
0
0x000
2
0x000
0
0x000
1
0x000
2
0x000
3
0x000
0
0x000
0
0x000
1
0x000
2
0x000
3
0xFFF
F
0xFFF
E
0x000
0
0x000
1
Timer Interrupt
0x000
0
0x000
1
0x000
2
0x000
0
0x000
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com