Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 32 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 32 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 28Page - Microchip Technology SEC2410 Datasheet HTML 29Page - Microchip Technology SEC2410 Datasheet HTML 30Page - Microchip Technology SEC2410 Datasheet HTML 31Page - Microchip Technology SEC2410 Datasheet HTML 32Page - Microchip Technology SEC2410 Datasheet HTML 33Page - Microchip Technology SEC2410 Datasheet HTML 34Page - Microchip Technology SEC2410 Datasheet HTML 35Page - Microchip Technology SEC2410 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 32
 2013 - 2014 Microchip Technology Inc.
4.9
Arbitration
The Processor Memory Complex (PMC) consists of the three memories, namely the ROM, IRAM, DRAM. The ICode
bus is a read only bus which can access ROM, IROM. The DCode and AHB bus have read access to ROM, IRAM,
DRAM, and write access to IRAM, DRAM.
The arbitration priority is fixed and is shown in table below. For each bus, the accesses are always in order of commands
received. This module can be modified for other arbitration schemes. Currently only fixed arbitration is supported. The
highest priority is the DCode bus, since any wait states in the data bus access stall the processor pipeline. The next
highest priority is the ICode bus. The last priority is the AHB bus.
4.10
ICode Bus Interface
The ICode bus supports only IDLE/NSEQ type read accesses which are SINGLE and 32-bit wide. There are no bursts,
and master BSY operation is not supported. The hproti protection information is not used.
Typically, the address from the ICode bus is registered by the ROM/IRAM at the rising edge of hclk, and the read data
from the ROM/IRAM in the next clock is routed combinatorially to the ICode bus.
If there is no contention of access to IROM/IRAM, then back to back reads are executed in zero wait state.
The ARM Cortex-M3 processor matches the AMBA 3 specification except for maintaining control information during
waited transfers. The processor might change the access type from SEQ or NONSEQ to IDLE during a waited transfer
(hreadyi is low). In effect this cancels the outstanding transfer that has not yet occurred because the previous access is
wait-stated and awaiting completion. This enables the processor to have a lower interrupt latency and higher perfor-
mance in wait-stated systems. The ICode bus interface logic ignores such aborted outstanding reads.
4.11
DCode Bus Interface
The DCode bus supports IDLE/NSEQ/SEQ type accesses, which may be SINGLE or INCR bursts. The data width may
be byte/Half-word/Word accesses. Master BSY operation and Locked accesses are not supported. The hprotd protec-
tion information is not used.
TABLE 4-3:
MEMORY ACCESS TYPE
Memory
ICode Access
DCode Access
AHB Access
ROM
RRR
IRAM
R
RW
RW
DRAM
None
RW
RW
TABLE 4-4:
MEMORY ACCESS PRIORITY
Priority
Bus Access
ROM
1
DCode (R)
2
ICode (R)
3AHB (R)
IRAM
1
DCode (RW)
2
ICode (R)
3AHB (RW)
DRAM
1
DCode (RW)
2AHB (RW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com