Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 90 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 90 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 86Page - Microchip Technology SEC2410 Datasheet HTML 87Page - Microchip Technology SEC2410 Datasheet HTML 88Page - Microchip Technology SEC2410 Datasheet HTML 89Page - Microchip Technology SEC2410 Datasheet HTML 90Page - Microchip Technology SEC2410 Datasheet HTML 91Page - Microchip Technology SEC2410 Datasheet HTML 92Page - Microchip Technology SEC2410 Datasheet HTML 93Page - Microchip Technology SEC2410 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 90
 2013 - 2014 Microchip Technology Inc.
12.0
SPI CONTROLLER
12.1
Overview
The SPI controller has three basic modes of operation. When operating as a memory bus to a SPI ROM, it takes System
AMBA bus accesses in the range 0x6000_0000 through 0x60FF_FFFF (16MBytes), and convert them to SPI ROM
accesses, construct the data, and provide data back to the ARM along with the ready signal at the appropriate time.
In parallel with SPI ROM reading hardware is a 32 byte cache that keeps track of data that has been fetched.
The second mode of operation is for all SPI operations that are not fast reads or Trace FIFO accesses. In this mode,
the firmware is responsible for setting up a command buffer, and control registers. The firmware then fires the command
by setting a ‘GO’ bit. The firmware is also responsible for parsing the response from the SPI slave. These registers exist
in the range of 0x6100_0000 to 0x6100_03FF.
The last mode of operation is for debugging. The firmware writes to System AHB addresses 0x6100BFFE and
0x6100BFFF to send out trace message to Microchip’s trace FIFO board. The SPI controller sends out accesses to
these locations as special messages that are ignored by the SPI ROM, but are intercepted by the debugging hardware.
The SPI interface is always enabled after reset. It can be disabled by setting the SPI_DISABLE bit in the UTIL_CON-
FIG1 register.
12.2
DEVICE OPERATION INSTRUCTIONS
There is only one operation supported automatically in hardware: FAST_READ. All instructions associated with Auto-
matic Address Increment (AAI) are supported. Everything else is handled through firmware intervention.
TABLE 12-1:
SPI OPCODES
Instruction
Description
OP Code
Cycle
Address
Cycle(s)
Dummy
Cycle(s)
Data
Cycle(s)
Total
Resp
WRSR
Write Status Register
0x01
0
0
1
2
FW
Byte_program
To program one Data
Byte
0x02
3
0
1
5
FW
READ
Read Slow Mode
0x03
3
0
1 to
5 to ¥
N/A
WRDI
Write Disable
0x04
0
0
0
1
FW
RDSR
Read Status Register
0x05
0
0
1 to
2 to
FW
WREN
Write Enable
0x06
0
0
0
1
FW
FAST_READ
Read Fast Mode
0x0B
3
1
1 to
6 to
HW
SCTR_ERASE
4 KByte Sector Erase
0x20
0xD7
30
0
4
FW
DUAL
FAST_READ
Dual Read Fast Mode 0x3B
3
1
1 to
6 to
HW
EWSR
Enable Write Status
Register
0x50
0
0
0
1
FW
32BLK_ERASE
32 KByte Block Erase 0x52
3
0
0
4
FW
CHIP_ERASE
Erase full memory
array
0x60
0xC7
00
0
1
FW
EBSY
Enable SO to output
Busy during AAI
programming
0x70
0
0
0
1
N/A
DBSY
Disable SO to output
Busy during AAI
programming
0x80
0
0
0
1
N/A
RDID
Read ID
0x90
3
0
1 to
5 to
FW
JEDEC_ID
JEDEC ID read
0x9F
0
0
3 to
4 to
FW
RDCR
Read Config Register
0xA1
0
0
1
2
FW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com