Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 59 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 59 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 55Page - Microchip Technology SEC2410 Datasheet HTML 56Page - Microchip Technology SEC2410 Datasheet HTML 57Page - Microchip Technology SEC2410 Datasheet HTML 58Page - Microchip Technology SEC2410 Datasheet HTML 59Page - Microchip Technology SEC2410 Datasheet HTML 60Page - Microchip Technology SEC2410 Datasheet HTML 61Page - Microchip Technology SEC2410 Datasheet HTML 62Page - Microchip Technology SEC2410 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 59
SEC2410/SEC4410
9.1.3
BLOCK DIAGRAM SIGNAL LIST
9.1.4
TRANSMIT OPERATION
Transmission is initiated by writing the data to be sent to the TX Holding Register or to the TX FIFO (if enabled). The
data is then transferred to the TX Shift Register together with a start bit and parity and stop bits as determined by settings
in the Line Control Register. The bits to be transmitted are then shifted out of the TX Shift Register in the order Start bit,
Data bits (LSB first), Parity bit, Stop bit, using the output from the Baud Rate Generator (divided by 16) as the clock.
If enabled, a TX Holding Register Empty interrupt will be generated when the TX Holding Register or the TX FIFO (if
enabled) becomes empty.
When FIFOs are enabled (i.e. bit 0 of the FIFO Control Register is set), the M16550S can store up to 16 bytes of data
for transmission at a time. Transmission will continue until the TX FIFO is empty. The FIFO’s readiness to accept more
data is indicated by interrupt.
9.1.5
RECEIVE OPERATION
Data is sampled into the RX Shift Register using the Receive clock, divided by 16. The Receive clock is provided either
by the Baud Rate Generator. A filter is used to remove spurious inputs that last for less than two periods of the Receive
clock. When the complete word has been clocked into the receiver, the data bits are transferred to the RX Buffer Reg-
ister or to the RX FIFO (if enabled) to be read by the CPU. (The first bit of the data to be received is placed in bit 0 of
this register.) The receiver also checks that the parity bit and stop bits are as specified by the Line Control Register.
If enabled, an RX Data Received interrupt will be generated when the data has been transferred to the RX Buffer Reg-
ister or, if FIFOs are enabled, when the RX Trigger Level has been reached. Interrupts can also be generated to signal
RX FIFO Character Timeout, incorrect parity, a missing stop bit (frame error) or other Line Status errors.
When FIFOs are enabled (i.e. bit 0 of the FIFO Control Register is set), the M16550S can store up to 16 bytes of
received data at a time. Depending on the selected RX Trigger Level, interrupt will go active to indicate that data is avail-
able when the RX FIFO contains 1, 4, 8 or 14 bytes of data.
9.2
Power, Clocks and Reset
9.2.1
POWER
This block is only active if UART_POWER_EN is set to a ‘1’ in DEV_CLK_EN register, otherwise this block is disabled
and the clocks are shut off.
9.2.2
CLOCKS
The MCLK used for the logic in this block is 60Mhz. The UART_CLK is sourced from either a 24MHz or 16MHz clock.
The two different clocks are required to ensure a sub 1% error for 50baud to 2Mbaud. In order to maintain communica-
tion with acceptable error, an accurate baud clock is required. The clock is selected using the BAUD_CLK_SEL bit in
UART_CTL register.
TABLE 9-1:
SERIAL PORT (UART) REGISTER INTERFACE PORT LIST
Signal Name
Direction
Description
nRESET
input
HW reset
CLK
Input
Block operating clock
EC IF
I/O Bus
Bus used for register access
UART_INT
Output
Host Interrupt
UART_CLK_24MHz
Input
24MHz UART clock.
UART_CLK_16MHz
Input
16MHz UART clock.
UART_TX
Output
UART Transmit data pin
UART_RX
Input
UART Receive data pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com