Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 91 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 91 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 87Page - Microchip Technology SEC2410 Datasheet HTML 88Page - Microchip Technology SEC2410 Datasheet HTML 89Page - Microchip Technology SEC2410 Datasheet HTML 90Page - Microchip Technology SEC2410 Datasheet HTML 91Page - Microchip Technology SEC2410 Datasheet HTML 92Page - Microchip Technology SEC2410 Datasheet HTML 93Page - Microchip Technology SEC2410 Datasheet HTML 94Page - Microchip Technology SEC2410 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 91
SEC2410/SEC4410
Note 1:
One bus cycle is eight clock periods.
2:
Address bits above the most significant bit of each density should be set to 0x00.
12.3
Operation of the Hi-Speed Read Sequence
The SPI controller handles code reads going out to the SPI ROM Address automatically. When the controller detects a
read, the controller drops the SPI_CE, and puts out a 0x0B, followed by the 24-bit address. The SPI controller then puts
out a DUMMY byte. The next eight clocks clock in the first byte. When the first byte is clocked in a ready signal is sent
back to the processor, and the processor gets one byte.
After the processor gets the first byte, its address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address in anything other than one more than the last address, the SPI
controller will terminate the transaction by taking SPI_CE high. As long as the addresses are sequential, the SPI Con-
troller will keep clocking in data.
12.4
Operation of the Dual Hi-Speed Read Sequence
The SPI controller also supports dual data mode. When configured in dual mode, the SPI controller will automatically
handle reads going out to the SPI ROM. When the controller detects a read, the controller drops the SPI_CEN, and puts
out a 0x3B (the value must be programmed into the SPI_ FR_OPCODE Register), followed by the 24-bit address. The
SPI controller then puts out a DUMMY byte. The next four clocks clock in the first byte. The data appears two bits at a
time on data out and data in. When the first byte is clocked in a ready signal is sent back to the processor, and the pro-
cessor gets one byte.
RDES
Read Electronic
Signature
0xAB
3
0
1 to
5 to
FW
AAI_PROGRAM Auto Address
Increment
programming
0xAD
3
0
2 to
6 to
N/A
64BLK_ERASE
64 KByte Block Erase 0xD8
3
0
0
4
FW
WRCR
Write Config Register
0xF1
0
0
1
2
FW
FIGURE 12-1:
SPI HI-SPEED READ SEQUENCE
TABLE 12-1:
SPI OPCODES (CONTINUED)
Instruction
Description
OP Code
Cycle
Address
Cycle(s)
Dummy
Cycle(s)
Data
Cycle(s)
Total
Resp
SPI_CEN
SPI_CLK
SPI_DO
SPI_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
DOUT
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
47 48
55 56
63 64
71 72
80
DOUT
NN+1
DOUT
N+2
DOUT
N+3
DOUT
N+4
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com