Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 82 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 82 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 78Page - Microchip Technology SEC2410 Datasheet HTML 79Page - Microchip Technology SEC2410 Datasheet HTML 80Page - Microchip Technology SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology SEC2410 Datasheet HTML 84Page - Microchip Technology SEC2410 Datasheet HTML 85Page - Microchip Technology SEC2410 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 82
 2013 - 2014 Microchip Technology Inc.
11.6.2.1
Event Mode Operation
The timer starts counting events when the ENABLE bit in the Timer Control Register is set and continues to count until
the ENABLE bit is cleared. When the ENABLE bit is set, the timer continues counting from the current value in the timer
except after a reset event. After a reset event, the timer always starts counting from the value programmed in the Reload
Register if counting down or from 0000h if counting up. Figure 11-6 shows an example of timer operation in Event mode.
The RLOAD bit controls the behavior of the timer when it underflows or overflows.
11.6.3
ONE-SHOT MODE
The One-Shot mode of the timer is used to generate a single interrupt to the EC after a specified amount of time. The
timer can be configured to start using the ENABLE bit (Figure 11-7) or on a timer overflow event from the previous timer.
See Section 11.8.2, "Timer x Clock and Event Control Register," on page 87 for configuration details. The ENABLE bit
must be set for an event to start the timer. The ENABLE bit is cleared one clock after the timer starts. The timer always
starts from the value in the Reload Register and counts down in One-Shot mode.
FIGURE 11-6:
EVENT MODE OPERATION
TABLE 11-5:
ONE SHOT MODE OPERATIONAL SUMMARY
Item
Description
Timer Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Filter Clock Frequencies
This mode supports all the programmable frequencies listed in Table 11-10, “Timer
Clock Frequencies,” on page 88
Count Operation
Down Counter
Reload Operation
When the timer underflows the timer will stop.
When the timer is enabled timer starts counting from value programmed in Timer
Reload Register. (RLOAD has no effect in this mode)
Count Start Condition
Setting the ENABLE bit to 1 starts One-Shot mode.
The timer clock automatically clears the enable bit one timer tick later.
Note:
One-Shot mode may be enabled in Event Mode. In Event mode an overflow
from the previous timer is used for timer tick rate.
Count Stop Condition
• Timer is reset (RESET = 1)
• Timer underflows
Interrupt Request
Generation Timing
When an underflow occurs.
TINx Pin Function
One Shot External input
TOUTx Pin Function
The TOUTx pin is asserted when the timer starts and de-asserted when the timer
stops
Read From Timer
Current count value can be read by reading the Timer Count Register
Timer Value
Timer Enable Bit
Event Input
Up/Down Bit
A9FFh
0001h
0000h
A9FFh
AA00h
80C5h
80C3h
AA00h
0000h
AA00h
A9FFh
AA00h
Timer Interrupt
80C4h
AA01h
FFFEh
FFFFh
AA00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com