Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 20 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 20 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 16Page - Microchip Technology SEC2410 Datasheet HTML 17Page - Microchip Technology SEC2410 Datasheet HTML 18Page - Microchip Technology SEC2410 Datasheet HTML 19Page - Microchip Technology SEC2410 Datasheet HTML 20Page - Microchip Technology SEC2410 Datasheet HTML 21Page - Microchip Technology SEC2410 Datasheet HTML 22Page - Microchip Technology SEC2410 Datasheet HTML 23Page - Microchip Technology SEC2410 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 20
 2013 - 2014 Microchip Technology Inc.
39
44
SD1_D0
I/O12PU
SD1 Data 0
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
40
45
SD1_D7
I/O12PU
SD1 Data 7
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
41
46
SD1_D6
I/O12PU
SD1 Data 6
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
42
47
SD1_CLK
O12
SD1 Clock
An output clock signal to SD1/MMC device, where the
clock frequency is software configurable.
43
48
NC
No Connect
44
49
VDD33
3.3 V Power
45
50
SD1_D5
I/O12PU
SD1 Data 5
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
46
51
SD1_CMD
I/O12PU
SD1 Command
A bi-directional signal that connects to the CMD signal of
the SD1/MMC device and has a weak internal pull-up
resistor.
47
52
SD1_D4
I/O12PU
SD1 Data 4
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
48
53
GPIO13
IPU
General Purpose I/O Pin
49
54
SD1_D3
I/O12PU
SD1 Data 3
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
50
55
SD1_D2
I/O12PU
SD1 Data 2
The SD1_D[7:0] pins are bi-directional data signals that
have weak pull-up resistors.
51
56
SEL_PROC_TAP
I
Processor Test Controller Select
This pin must be tied low (direct connection to ground is
acceptable) for normal operation.
This pin should only be pulled high when debugging.
52
57
SC_ACT/
O12
SmartCard Active LED
This pin can be configured as SmartCard activity LED.
LED_B0/
GPIO1
LED B0
This pin can be configured as a general purpose LED.
53
58
GPIO14
(SC_PSNT_N)
IPU
SmartCard Insertion
This pin is designated as the SmartCard card detection
pin and can be left unconnected if the socket is not used.
TABLE 3-3:
SEC2410 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Buffer type
Description
64-QFN 72-QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com