Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 49 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 49 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 45Page - Microchip Technology SEC2410 Datasheet HTML 46Page - Microchip Technology SEC2410 Datasheet HTML 47Page - Microchip Technology SEC2410 Datasheet HTML 48Page - Microchip Technology SEC2410 Datasheet HTML 49Page - Microchip Technology SEC2410 Datasheet HTML 50Page - Microchip Technology SEC2410 Datasheet HTML 51Page - Microchip Technology SEC2410 Datasheet HTML 52Page - Microchip Technology SEC2410 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 49
SEC2410/SEC4410
8.2.3
GPIO MUXING TABLE
TABLE 8-14:
UTILITY CONFIGURATION REGISTER 1
UTIL_CONFIG1
(0x080A RESET=0x00)
Utility Configuration Register 1
Bit
Name
R/W
Description
7:3
Reserved
R
Always read ‘0’
2
SPI_DISABLE
R/W
After reset the SPI interface is always enabled. If the firmware
does not detect a SPI rom externally, it sets this bit. This disable
the SPI interface, and enables GPIOs.
1
UART_ENABLE
R/W
This bit enables the UART pins.
0 - GPIOs go to GPIO pins
1 - The UART TX and RX go the GPIO11,12.
0
Reserved
R
Always read ‘0’
TABLE 8-15:
PIN MUX SELECT REGISTER
PIN_MUX_SEL
(0x080C RESET=0x00)
Pin Mux Select Register
Bit
Name
R/W
Description
7
SC_LED_SEL
R/W
Pin LED0 / SC_LED_ACT_N function selected with this bit:
‘0’ = LED controlled from GPIO0 / LED0
‘1’ = LED controlled by Smart Card interface
Note: Please see LED0_GPIO0_CTL for details of using gpio
versus LED
6
SD2_GPIO_EN
R/W
Setting this bit enables the GPIOs that are multiplexed with the
second SecureDigital interface: GPIO17, GPIO18, GPIO19,
GPIO20, GPIO21, GPIO22, GPIO23, GPIO24, GPIO25, GPIO26
Note: GPIO16, is always a GPIO, and is not affected by this bit.
5
SD2_HI_GPIO EN
R/W
Setting this bit enables the four GPIOs that are multiplexed with
the upper four data bits of the second SecureDigital interface:
GPIO22, GPIO23, GPIO24, GPIO25
This bit has no effect if SD2_GPIO_EN is set.
4
SC_GPIO_EN
R/W
Setting this bit enables the five GPIOs that are multiplexed with
the SmartCard interface: GPIO27, GPIO28, GPIO29, GPIO30,
GPIO31
3:0
MUX_SEL
R/W
The single Flash Media is selected with the following values:
0001
Reserved
0010
Reserved
0100
Reserved
1000
Secure Digital
TABLE 8-16:
GPIO MUXING TABLE
Name
Hardware Mux
Mux Control bit
SW GPIO
Function
Comment
GPIO0
CR_ACTIVTY/
LED0
LED0_GPIO_CTL
Unassigned
GPIO1
SC_LED_ACT_N/
LED1
LED1_GPIO_CTL
&
LED_CTL
Unassigned
GPIO2
SPI_DI
SPI_DISABLE
Unassigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com