Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 69 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 69 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 65Page - Microchip Technology SEC2410 Datasheet HTML 66Page - Microchip Technology SEC2410 Datasheet HTML 67Page - Microchip Technology SEC2410 Datasheet HTML 68Page - Microchip Technology SEC2410 Datasheet HTML 69Page - Microchip Technology SEC2410 Datasheet HTML 70Page - Microchip Technology SEC2410 Datasheet HTML 71Page - Microchip Technology SEC2410 Datasheet HTML 72Page - Microchip Technology SEC2410 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 69
SEC2410/SEC4410
9.6.9
MODEM STATUS REGISTER (MSR)
This 8 bit register provides the current state of the control lines from the MODEM (or peripheral device). In addition to
this current state information, four bits of the MODEM Status Register (MSR) provide change information.
These bits are set to logic "1" whenever a control input from the MODEM changes state. They are reset to logic "0"
whenever the MODEM Status Register is read.
Note 9-10
Whenever bit 0, 1, 2, or 3 is set to a logic "1", a MODEM Status Interrupt is generated.
.
APPLICATION NOTE: The Modem Status Register (MSR) only provides the current state of the UART MODEM
control lines in Loopback Mode. The SEC2410/SEC4410 does not support external
connections for the MODEM Control inputs (nCTS, nDSR, nRI and nDCD) or for the four
MODEM Control outputs (nDTR, nRTS, OUT1 and OUT2).
1
OVERRUN_ERROR
R
Overrun Error. Bit 1 indicates that data in the Receiver Buffer Register
was not read before the next character was transferred into the
register, thereby destroying the previous character. In FIFO mode, an
overrun error will occur only when the FIFO is full and the next
character has been completely received in the shift register, the
character in the shift register is overwritten but not transferred to the
FIFO. The OE indicator is set to a logic "1" immediately upon
detection of an overrun condition, and reset whenever the Line Status
Register is read
0
DATA_READY
R
Data Ready. It is set to a logic "1" whenever a complete incoming
character has been received and transferred into the Receiver Buffer
Register or the FIFO. Bit 0 is reset to a logic "0" by reading all of the
data in the Receive Buffer Register or the FIFO
TABLE 9-16:
UART MODEM STATUS REGISTER(MSR)
UART_MSR (DLAB=X)
(OFFSET 0X06 RESET=0BXXXX0000)
UART Modem Status Register
Bit
Name
R/W
Description
7
DCD#
R
This bit is the complement of the Data Carrier Detect (nDCD) input. If
bit 4 of the MCR is set to logic "1", this bit is equivalent to OUT2 in
the MCR.
6
RI#
R
This bit is the complement of the Ring Indicator (nRI) input. If bit 4 of
the MCR is set to logic "1", this bit is equivalent to OUT1 in the MCR.
5
DSR
R
This bit is the complement of the Data Set Ready (nDSR) input. If bit
4 of the MCR is set to logic "1", this bit is equivalent to DTR in the
MCR.
4
CTS
R
This bit is the complement of the Clear To Send (nCTS) input. If bit 4
of the MCR is set to logic "1", this bit is equivalent to nRTS in the
MCR.
3
DDCD
R
Delta Data Carrier Detect (DDCD). Bit 3 indicates that the nDCD input
to the chip has changed state.
2
TERI
R
Trailing Edge of Ring Indicator (TERI). Bit 2 indicates that the nRI
input has changed from logic "0" to logic "1".
1
DDSR
R
Delta Data Set Ready (DDSR). Bit 1 indicates that the nDSR input
has changed state since the last time the MSR was read.
0
DCTS
R
Delta Clear To Send (DCTS). Bit 0 indicates that the nCTS input to
the chip has changed state since the last time the MSR was read.
TABLE 9-15:
UART LINE STATUS REGISTER(MCR) (CONTINUED)
UART_LINE_STAT (DLAB=X)
(OFFSET 0X05 RESET=0X60)
UART Line Status Register
Bit
Name
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com