Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 89 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 89 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 85Page - Microchip Technology SEC2410 Datasheet HTML 86Page - Microchip Technology SEC2410 Datasheet HTML 87Page - Microchip Technology SEC2410 Datasheet HTML 88Page - Microchip Technology SEC2410 Datasheet HTML 89Page - Microchip Technology SEC2410 Datasheet HTML 90Page - Microchip Technology SEC2410 Datasheet HTML 91Page - Microchip Technology SEC2410 Datasheet HTML 92Page - Microchip Technology SEC2410 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 89
SEC2410/SEC4410
11.8.3
TIMER X RELOAD REGISTER
11.8.4
TIMER X COUNT REGISTER
MEASUREMENT
00
Measures the time between falling edges
01
01=Measures the time between rising edges
10
Measures the time between rising edges and falling
edges and the time between falling edges and rising
edges
11
No event selected
TABLE 11-12: TIMER X COUNT REGISTER
TIMER_X_RELOAD
(OFFSET 0X08, RESET=0XFFFF)
Timer Reload Register
Bit
Name
R/W
Description
15:0
TIMER_RELOAD
R/W
The Timer Reload register is used in Timer and One-Shot modes to
set the lower limit of the timer. In Event mode the Timer Reload
register sets either the upper or lower limit of the timer depending on
if the timer is counting up or down. Valid values are 0001h - FFFFh.
If the timer is running, the reload value will not be updated until the
timer overflows or underflows.
Note:
Programming a 0000h as a preload value is not a valid
count value.
TABLE 11-13: TIMER X COUNT REGISTER
TIMER_X_COUNT
(OFFSET 0x0C, RESET=0XFFFF)
Timer Count Register
Bit
Name
R/W
Description
15:0
TIMER_COUNT
R
The Timer Count register returns the current value of the timer in all
modes.
TABLE 11-11: EDGE OPERATION (CONTINUED)
Mode
Edge
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com