Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 80 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 80 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 76Page - Microchip Technology SEC2410 Datasheet HTML 77Page - Microchip Technology SEC2410 Datasheet HTML 78Page - Microchip Technology SEC2410 Datasheet HTML 79Page - Microchip Technology SEC2410 Datasheet HTML 80Page - Microchip Technology SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology SEC2410 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 80
 2013 - 2014 Microchip Technology Inc.
11.6.1.2
Timer Gate Function
The TINx pin on each timer can be used to pause the timer’s operation when the timer is running. The timer will stop
counting when the TINx pin is deasserted and count when the TINx pin is asserted. Figure 11-4 shows the timer behav-
ior when the TINx pin is used to gate the timer function. The UPDN bit is used to enable and disable the Timer Gate
function when in the Timer mode.
11.6.1.3
Timer Mode Pulse Output
The four Timers can be used to generate a periodic output pulse. The output pulse changes state each time the timer
underflows. The output is also cleared when the EN bit is cleared. Figure 11-5 shows the behavior of the TOUTx pin
when it is used as a pulse output pin.
FIGURE 11-2:
RELOAD MODE BEHAVIOR
FIGURE 11-3:
FREE RUNNING MODE BEHAVIOR
FIGURE 11-4:
TIMER GATE OPERATION
80C4h
80C6h
80C5h
80C3h
80C2h
Timer Value
Timer Enable Bit
Timer Clock
Timer Interrupt
AAFFh
AAFEh AAFDh AAFCh
0001h
0000h
AAFEh AAFDh
AAFFh
80C4h
80C6h
80C5h
80C3h
80C2h
Timer Value
Timer Enable Bit
Timer Clock
Timer Interrupt
AAFFh
AAFEh AAFDh AAFCh
0001h
0000h
FFFEh FFFDh
FFFFh
Timer Value
Timer Enable Bit
Timer Clock
TINx
0x80C4
Timer Interrupt
0xFFFE
0xFFFE 0xFFFD 0xFFFC
0x80C6 0x80C5
0x80C3 0x80C2
0x0001 0x0000
0xFFFE 0xFFFD
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com