Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 61 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 61 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 57Page - Microchip Technology SEC2410 Datasheet HTML 58Page - Microchip Technology SEC2410 Datasheet HTML 59Page - Microchip Technology SEC2410 Datasheet HTML 60Page - Microchip Technology SEC2410 Datasheet HTML 61Page - Microchip Technology SEC2410 Datasheet HTML 62Page - Microchip Technology SEC2410 Datasheet HTML 63Page - Microchip Technology SEC2410 Datasheet HTML 64Page - Microchip Technology SEC2410 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 61
SEC2410/SEC4410
Note 9-1
DLAB is Bit 7 of the Line Control Register.
9.5
Register Summary
TABLE 9-4:
TWO PIN SERIAL PORT (UART) REGISTER SUMMARY
Register Name
DLAB
(Note 9-1)
EC_SPB Interface
Notes
Offset address
Byte
Lane
EC Type
Receive Buffer Register (RB),
0
0x00
0
R
Transmit Buffer Register (TB)
0
0x00
0
W
The incoming clock is divided by the
value held in DLL & DLM (1 - 65535)
to produce the Baud Rate Generator
Output signal (BAUD)
1
0x00
0
R/W
The incoming clock is divided by the
value held in DLL & DLM (1 - 65535)
to produce the Baud Rate Generator
Output signal (BAUD)
1
0x01
1
R/W
Interrupt Enable Register (IER)
0
0x01
1
R/W
FIFO Control Register (FCR),
X
0x02
2
W
Interrupt Identification Register (IIR)
X
0x02
2
R
Line Control Register (LCR)
X
0x03
3
R/W
Modem Control Register (MCR)
X
0x04
0
R/W
Line Status Register (LSR)
X
0x05
1
R
Modem Status Register (MSR)
X
0x06
2
R
Scratchpad Register (SCR)
X
0x07
3
R/W
N/A
EC INTERFACE
REGISTER NAME
OFFSET
ADDRESS
BYTE
LANE
EC TYPE
UART Control Register
0x10
0
R/W
TABLE 9-5:
REGISTER SUMMARY
Address
(Note 9-2)R/W
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADDR = 0
DLAB = 0
R
Receive Buffer r
Data Bit 7
Data Bit 6
Data Bit 5
Data Bit 4
Data Bit 3
Data Bit 2
Data Bit 1
Data Bit 0
(Note 9-3)
ADDR = 0
DLAB = 0
W
Transmitter Holding r
Data Bit 7
Data Bit 6
Data Bit 5
Data Bit 4
Data Bit 3
Data Bit 2
Data Bit 1
Data Bit 0
ADDR = 1
DLAB = 0
R/W
Interrupt Enable r
Reserved
Enable
Modem
Status
Interrupt
(EMSI)
Enable
Receiver
Line Sta-
tus Inter-
rupt (ELSI)
Enable
Trans-mit-
ter Holding
Register
Empty
Interrupt
(ETHREI)
Enable
Received
Data Avail-
able Inter-
rupt
(ERDAI)
ADDR = 2
R
Interrupt Ident. r
FIFOs
Enabled
(Note 9-7)
FIFOs
Enabled
(Note 9-7)
Reserved
Interrupt ID
Bit (Note 9-
7)
Interrupt ID
Bit
Interrupt ID
Bit
"0" if Inter-
rupt Pend-
ing
ADDR = 2
W
FIFO Control r
RCVR Trig-
ger MSB
RCVR Trig-
ger LSB
Reserved
DMA Mode
Select
(Note 9-8)
XMIT FIFO
Reset
RCVR
FIFO
Reset
FIFO
Enable
ADDR = 3
R/W
Line Control r
Divisor
Latch
Access Bit
(DLAB)
Set Break
Stick Parity
Even Parity
Select
(EPS)
Parity
Enable
(PEN)
Number of
Stop Bits
(STB)
Word
Length
Select Bit 1
(WLS1)
Word
Length
Select Bit 0
(WLS0)
ADDR = 4
R/W
MODEM Control r
Reserved
Loop
OUT2
(Note 9-5)
OUT1
(Note 9-5)
Request to
Send
(RTS)
Data Ter-
minal
Ready
(DTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com