Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 73 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 73 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 69Page - Microchip Technology SEC2410 Datasheet HTML 70Page - Microchip Technology SEC2410 Datasheet HTML 71Page - Microchip Technology SEC2410 Datasheet HTML 72Page - Microchip Technology SEC2410 Datasheet HTML 73Page - Microchip Technology SEC2410 Datasheet HTML 74Page - Microchip Technology SEC2410 Datasheet HTML 75Page - Microchip Technology SEC2410 Datasheet HTML 76Page - Microchip Technology SEC2410 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 73
SEC2410/SEC4410
10.4
Clocks
This block has two clock inputs, the EC_CLK and CLK. The EC_CLKis used in the interface to the embedded controller
accessible registers. The 32.768KHz CLK is the clock source for the Watchdog Timer functional logic, including the
counter.
10.5
WDT Event output
In the SEC2410/SEC4410, the assertion of the WDT Event output causes a Watch-Dog Timer Forced Reset.
The WDT Event state is also retained through a Watch-Dog Timer Forced Reset in the WD_RESET bit of Reset control
register (RESET_CTL).
The WDT Event output is not directly connected to an EC interrupt.
10.6
WDT Operation
10.6.1
WDT ACTIVATION MECHANISM
The WDT is activated by the following sequence of operations during normal operation:
1.
Load the WDT Load Register with the count value.
2.
Set the WDT Enable bit in the WDT Control Register.
The WDT Activation Mechanism starts the WDT decrementing counter.
10.6.2
WDT DEACTIVATION MECHANISM
The WDT is deactivated by the clearing the WDT Enable bit in the WDT Control Register. The WDT Deactivation Mech-
anism places the WDT in a low power state in which clock are gated and the counter stops decrementing.
10.6.3
WDT RELOAD MECHANISM
The WDT must be reloaded within periods that are shorter than the programmed watchdog interval; otherwise the WDT
will underflow and a WDT Event will be generated and the WDT_STATUS bit will be set in the WDT Control Register. It
is the responsibility of the user program to continually execute sections of code which reload the watchdog timer (WDT)
causing the counter to be reloaded
There are two methods of reloading the WDT: a write to the WDT Kick Register or the WDT Activation Mechanism.
10.6.4
WDT INTERVAL
The WDT Interval is the time it takes for the WDT to decrements from the WDT Load Register value to 0000h. The WDT
Count Register value takes 1.007ms to decrement by 1 count.
10.6.5
WDT STALL OPERATION
The WDT has several events that can cause the WDT STALL. When a WDT STALL event is asserted, the WDT stops
decrementing, and the WDT enters a low power state. When a WDT STALL event is de-asserted, the counter is
reloaded with the programmed preload value and starts decrementing.
The WDT STALL feature has been implemented for convenience. If the system designer chooses not to utilize the WDT
STALL feature, the WDT defaults with the WDT STALL feature disabled.
There are three Stall inputs to the WDT: HT_ACTIVE, WT_ACTIVE, JTAG_ACTIVE (corresponding to the Hibernation
Timer, the Week Alarm Timer, & the J-TAG interface being active). The Stall inputs have individual enable bits:
HT_STALL_EN, WT_STALL_EN, JTAG_STALL_EN bits in the Table 10-5, “WDT Control Register,” on page 75.
EC_IF
I/O Bus
Bus used by microprocessor to access the registers in this block.
EC_CLK
INPUT
Clock used to access internal register.
WDT Event
OUTPUT
Pulse generated when WDT expires.
TABLE 10-1:
WATCHDOG TIMER INTERFACE SIGNAL LIST (CONTINUED)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com