Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 48 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 48 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 44Page - Microchip Technology SEC2410 Datasheet HTML 45Page - Microchip Technology SEC2410 Datasheet HTML 46Page - Microchip Technology SEC2410 Datasheet HTML 47Page - Microchip Technology SEC2410 Datasheet HTML 48Page - Microchip Technology SEC2410 Datasheet HTML 49Page - Microchip Technology SEC2410 Datasheet HTML 50Page - Microchip Technology SEC2410 Datasheet HTML 51Page - Microchip Technology SEC2410 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 48
 2013 - 2014 Microchip Technology Inc.
TABLE 8-11:
DEBOUNCE CONTROL REGISTER
GPIO_DEBOUNCE_EN
(0x0840- RESET=0x00)
Special Function Register
Bit
Name
R/W
Description
7
GPIO15_DEBOUNCE
R/W
If set, and if GPIO15 is configured as an input, then GPIO15 input
is debounced by the amount specified in the GPIO_DEBOUNCE
register.
6
GPIO14_DEBOUNCE
R/W
If set, and if GPIO14 is configured as an input, then GPIO14 input
is debounced by the amount specified in the GPIO_DEBOUNCE
register.
5
GPIO13_DEBOUNCE
R/W
If set, and if GPIO13 is configured as an input, then GPIO13 input
is debounced by the amount specified in the GPIO_DEBOUNCE
register.
4
GPIO12_DEBOUNCE
R/W
If set, and if GPIO12 is configured as an input, then GPIO12 input
is debounced by the amount specified in the GPIO_DEBOUNCE
register.
3
GPIO5_DEBOUNCE
R/W
If set, and if GPIO5 is configured as an input, then GPIO5 input is
debounced by the amount specified in the GPIO_DEBOUNCE
register.
2
GPIO3_DEBOUNCE
R/W
If set, and if GPIO3 is configured as an input, then GPIO3 input is
debounced by the amount specified in the GPIO_DEBOUNCE
register.
1:0
Reserved
R/W
Always read ‘0’
TABLE 8-12:
GPIO DEBOUNCE REGISTE2
GPIO_DEBOUNCE2 _EN
(0x0841- RESET=0x00)
GPIO Debounce Register2
Bit
Name
R/W
Description
7:1
Reserved
R
Always read ‘0’
0
GPIO16_DEBOUNCE
R/W
If set, and if GPIO16 is configured as an input, then GPIO16 input
is debounced by the amount specified in the GPIO_DEBOUNCE
register.
TABLE 8-13:
GPIO DEBOUNCE REGISTER
GPIO_DEBOUNCE
(0x080D – RESET=0x0A)
Debounce Register for GPIO
Bit
Name
R/W
Description
7:0
DEBOUNCE
R/W
This register holds the debounce timer for the card detect signal. The
first transition is allowed through, any transition within the debounce
period is suppressed. Each count corresponds to 10 mS, with the
default value being 100 mS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com