Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 1 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 1 Page - Microchip Technology

  SEC2410 Datasheet HTML 1Page - Microchip Technology SEC2410 Datasheet HTML 2Page - Microchip Technology SEC2410 Datasheet HTML 3Page - Microchip Technology SEC2410 Datasheet HTML 4Page - Microchip Technology SEC2410 Datasheet HTML 5Page - Microchip Technology SEC2410 Datasheet HTML 6Page - Microchip Technology SEC2410 Datasheet HTML 7Page - Microchip Technology SEC2410 Datasheet HTML 8Page - Microchip Technology SEC2410 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 1
General Description
The SEC2410/SEC4410 are USB 2.0 compliant, hi-
speed bulk-only mass storage class peripheral control-
lers. They are intended to be used to read and write to
popular flash media, including Secure Digital (SD), and
MultiMediaCardTM (MMC) families.
The SEC2410/SEC4410 are fully integrated, single-
chip solutions capable of ultra-high performance oper-
ation. Average sustained transfer rates exceeding
35 MB/s are possible if the media and host can support
those rates. The SEC2410/SEC4410 includes provi-
sions to read/write to secure media formats, as well as
support AES encryption, without performance impact.
General Features
• The SEC2410/SEC4410 is available in two RoHS
compliant packages:
- 64-pin QFN (9x9 mm) package
- 72-pin QFN (10x10 mm) package that
includes debug pins to interface to standard
ARM debug tools
• Hardware-controlled data flow architecture for all
self-mapped media
• Pipelined hardware support for access to non-
self-mapped media
• Order number (see next page) with i denote the
products that support the industrial temperature
range of -40ºC to 85ºC
• Support included for secure media format on a
licensed, customized basis
-SD Secure
Hardware Features
• Single-chip flash media controller containing:
- A multiplexed interface for use with combo
card sockets
- SD/MMC flash media reader/writer
• SDIO and MMC streaming mode support
• Extended configuration options
• Media Activity LED
• GPIO configuration and polarity
- Up to 32 GPIOs for special function use
- One GPIO with up to 200 mA drive
• On board 24 MHz crystal driver circuit
• Optional external 24 MHz clock input
• Internal card power FET
- 200 mA
- "Fold-back" short circuit protection
• ARM M3 32-bit microprocessor
- 60 MHz execution speed at 1 cycle per
instruction (minimum)
- 32 KBytes of internal SRAM for a general
purpose scratchpad
- 96 KByte SRAM available for code execution
- 32 KByte internal code ROM
- JTAG interface
• Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core volt-
age for additional bill of materials and power sav-
ings
• Optimized pinout improves signal routing, easing
implementation for improved signal integrity
• 1.2 V reference voltage for HSIC (SEC4410 only)
Flash Media Specification Compliance
• Secure Digital 2.0
- HS-SD, SDHC, SDXC
- TransFlashTM and reduced form factor media
• MultiMediaCard
- MMC version 4.2: 1/4/8-bit
- eMMC version 4.4SEC2410/SEC4410
Software Features
• Customizable vendor-specific data
• Reduced memory footprint
Applications
• Secure dongles and storage
• Flash media card reader/writers
• Desktop and mobile PCs
• Consumer A/V and media players/viewers
• Compatible with
-Microsoft® VistaTM and Vista ReadyBoostTM
- Windows® 7, XP, ME, 2K SP4
- Apple Mac OSx®
- Linux Mass Storage Class Drivers
SEC2410/SEC4410
HS Endpoint Processor with USB 2.0, Smart
Card, and FMC for Secure Token and Storage


Similar Part No. - SEC2410

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SEC24001 CELDUC-SEC24001 Datasheet
99Kb / 4P
Support Interfaces E/S DIN rail adaptor for I/O modules
SEC24001 CELDUC-SEC24001 Datasheet
426Kb / 2P
DC SOLID STATE INPUT MODULE
SEC24003 CELDUC-SEC24003 Datasheet
99Kb / 4P
Support Interfaces E/S DIN rail adaptor for I/O modules
SEC24003 CELDUC-SEC24003 Datasheet
426Kb / 2P
DC SOLID STATE INPUT MODULE
logo
Sanken electric
SEC2422C SANKEN-SEC2422C Datasheet
27Kb / 1P
3x2.5 Bicolor Surface Mount LED (Flat Lens)
More results

Similar Description - SEC2410

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
Maxim Integrated Produc...
MAXQ1010 MAXIM-MAXQ1010 Datasheet
483Kb / 2P
Security Token Microcontroller with RTC and USB
Rev 0; 4/10
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
logo
Level One
MUS-2500 LVL1-MUS-2500 Datasheet
123Kb / 2P
The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
logo
List of Unclassifed Man...
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
Portable USB 3.0 Storage for PC and Mac
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
logo
Microchip Technology
ATECC508A MICROCHIP-ATECC508A Datasheet
924Kb / 109P
Cryptographic Co-processor with Secure Hardware-Based Key Storage
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com