Electronic Components Datasheet Search
  English  ▼

X  

SEC2410 Datasheet(PDF) 85 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 85 Page - Microchip Technology

Back Button SEC2410 Datasheet HTML 81Page - Microchip Technology SEC2410 Datasheet HTML 82Page - Microchip Technology SEC2410 Datasheet HTML 83Page - Microchip Technology SEC2410 Datasheet HTML 84Page - Microchip Technology SEC2410 Datasheet HTML 85Page - Microchip Technology SEC2410 Datasheet HTML 86Page - Microchip Technology SEC2410 Datasheet HTML 87Page - Microchip Technology SEC2410 Datasheet HTML 88Page - Microchip Technology SEC2410 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 283 page
background image
 2013 - 2014 Microchip Technology Inc.
DS00001587C-page 85
SEC2410/SEC4410
11.6.4.2
Period Measurements
The timers in the SEC2410/SEC4410 measure the period of a signal by counting the number of timer clocks between
either rising or falling edges of the TINx input. The measurement edge is determined by bits in the Clock and Event
Control Register. The timer starts measuring on the next edge (rising or falling) on the TINx pin after the ENABLE bit is
set. The reload register stores the result of the last measurement taken. If the timer overflows, 0x0000 is written to the
reload register. Figure 11-11 shows the timer behavior when measuring the period of a signal.
The timer will not signal an interrupt in period measurement mode until the timer detects either two rising edges or two
falling edges.
11.7
16-Bit Counter/Timer Interface Register Summary
There are four instances of the 16-Bit Timer/Counter Block implemented in the SEC2410/SEC4410 enumerated as [0:3]
with an overflow/underflow interface. Each instance of the 16-Bit Timer/Counter Block has its Base Address as indicated
in Table 11-7.
FIGURE 11-11:
PULSE PERIOD MEASUREMENT
TABLE 11-7:
16-BIT COUNTER/TIMER INTERFACE BASE ADDRESS TABLE
16-Bit Timer/Counter Block
Instance
EC Bus Address Offset
(Base = 0x40020000)
16-bit Timer.0
0x0C00
16-bit Timer.1
0x0C80 = 0x0C00 + 0x80
16-bit Timer.2
0x0D00 = 0x0C00 + 0x100
16-bit Timer.3
0x0D80 = 0x0C00h + 0x180
Timer Value
TIN
x
Timer Clock
0x000
1
0x000
2
Timer Enable Bit
0x000
3
0x000
0
0x000
1
0x000
2
0x000
0
0x000
3
0x000
4
0x000
0
0x000
1
0xFFF
F
0xFFF
E
0x000
0
0x000
4
0x000
0
0x000
0
Timer Reload
Register
Timer Interrupt
0x000
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com