Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 4 Page - Analog Devices

  AD6674 Datasheet HTML 1Page - Analog Devices AD6674 Datasheet HTML 2Page - Analog Devices AD6674 Datasheet HTML 3Page - Analog Devices AD6674 Datasheet HTML 4Page - Analog Devices AD6674 Datasheet HTML 5Page - Analog Devices AD6674 Datasheet HTML 6Page - Analog Devices AD6674 Datasheet HTML 7Page - Analog Devices AD6674 Datasheet HTML 8Page - Analog Devices AD6674 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
AD6674
Data Sheet
The analog input and clock signals are differential inputs. The
ADC data outputs are internally connected to four DDCs
through a crossbar mux. Each DDC consists of up to five
cascaded signal processing stages: a 12-bit frequency translator
(NCO), and up to four half-band decimation filters.
Each ADC output is connected internally to an NSR block. The
integrated NSR circuitry allows improved SNR performance in
a smaller frequency band within the Nyquist bandwidth. The
device supports two different output modes selectable via the
SPI. With the NSR feature enabled, the outputs of the ADCs are
processed such that the AD6674 supports enhanced SNR
performance within a limited portion of the Nyquist bandwidth
while maintaining a 9-bit output resolution. NSR is enabled by
default on the AD6674.
Each ADC output is also connected internally to a VDR block.
This optional mode allows full dynamic range for defined input
signals. Inputs that are within a defined mask (based on DPD
applications) are passed unaltered. Inputs that violate this
defined mask result in the reduction of the output resolution.
With VDR, the dynamic range of the observation receiver is
determined by a defined input frequency mask. For signals
falling within the mask, the outputs are presented at the
maximum resolution allowed. For signals exceeding defined
power levels within this frequency mask, the output resolution
is truncated. This mask is based on DPD applications and
supports tunable real IF sampling, and zero IF or complex IF
receive architectures.
Operation of the AD6674 between the DDC, NSR, and VDR
modes is selectable via SPI-programmable profiles.
In addition to the DDC blocks, the AD6674 has several
functions that simplify the AGC function in a communications
receiver. The programmable threshold detector allows
monitoring of the incoming signal power using the fast detect
control bits in Register 0x245 of the ADC. If the input signal
level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition at the ADC input. Besides the fast
detect outputs, the AD6674 also offers signal monitoring
capability. The signal monitoring block provides additional
information about the signal being digitized by the ADC.
Users can configure the Subclasss 1 JESD204B-based high speed
serialized output in a variety of two-lane and four-lane
configurations, depending on the DDC configuration and the
acceptable lane rate of the receiving logic device. Multidevice
synchronization is supported through the SYSREF± and
SYNCINB± input pins.
The AD6674 has flexible power-down options that allow signifi-
cant power savings when desired. All of these features can be
programmed using a 1.8 V capable 3-wire serial port interface
(SPI).
The AD6674 is available in a Pb-free, 64-lead LFCSP, specified
over the −40°C to +85°C industrial temperature range. This
product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Wide full power bandwidth supports IF sampling of signals
up to 2 GHz.
2. Buffered inputs with programmable input termination
eases filter design and implementation.
3. Four integrated wideband decimation filters and
numerically controlled oscillator (NCO) blocks supporting
multiband receivers.
4. Flexible SPI controls various product features and
functions to meet specific system requirements.
5. Programmable fast overrange detection and signal
monitoring.
6. Programmable fast overrange detection.
7. 9 mm × 9 mm 64-lead LFCSP.
Rev. B | Page 4 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com