Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6674 Datasheet HTML 2Page - Analog Devices AD6674 Datasheet HTML 3Page - Analog Devices AD6674 Datasheet HTML 4Page - Analog Devices AD6674 Datasheet HTML 5Page - Analog Devices AD6674 Datasheet HTML 6Page - Analog Devices AD6674 Datasheet HTML 7Page - Analog Devices AD6674 Datasheet HTML 8Page - Analog Devices AD6674 Datasheet HTML 9Page - Analog Devices AD6674 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
AD6674
Data Sheet
Parameter
Temp
AD6674-1000
AD6674-750
AD6674-500
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER CONSUMPTION
Total Power Dissipation2
Full
3.3
3.6
2.8
3.1
2.24
2.5
W
Power-Down Dissipation
Full
835
835
710
mW
Standby6
Full
1.4
1.4
1.2
W
1
Differential capacitance is measured between the VIN+x and VIN−x pins (x = A, B).
2
Measured with a low input frequency, full-scale sine wave.
3
All lanes running. Power dissipation on DRVDD changes with lane rate and number of lanes used.
4
L is the number of lanes per converter device (lanes per link).
5
N/A means not applicable. At the maximum sample rate, it is not applicable to use L = 2 mode on the JESD204B output interface because this exceeds the maximum
lane rate of 12.5 Gbps. L = 2 mode is supported when the equation ((M × N΄ × (10/8) × fOUT)/L) results in a lane rate that is ≤12.5 Gbps. fOUT is the output sample rate and
is denoted by fS/DCM, where DCM = decimation ratio.
6
Can be controlled by the SPI.
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 2.
Parameter1
Temp
AD6674-1000
AD6674-750
AD6674-500
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ANALOG INPUT FULL SCALE
Full
1.7
1.7
2.06
V p-p
NOISE DENSITY2
Full
−154
−153
−153
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
67.2
67.3
69.2
dBFS
fIN = 170 MHz
Full
65.1
66.6
65.8
67.1
67.8
69.0
dBFS
fIN = 340 MHz
25°C
65.3
66.7
68.6
dBFS
fIN = 450 MHz
25°C
64.0
66.2
68.0
dBFS
fIN = 765 MHz
25°C
62.4
64.3
64.4
dBFS
fIN = 985 MHz
25°C
61.4
63.6
63.8
dBFS
fIN = 1950 MHz
25°C
57.0
59.9
60.5
dBFS
NSR Enabled (21% BW Mode)4
fIN = 10 MHz
25°C
73.8
74.0
75.2
dBFS
fIN = 170 MHz
25°C
73.6
73.8
75.2
dBFS
fIN = 340 MHz
25°C
73.5
73.7
74.8
dBFS
fIN = 450 MHz
25°C
71.9
72.2
74.2
dBFS
fIN = 765 MHz
25°C
69.0
71.4
70.3
dBFS
fIN = 985 MHz
25°C
68.2
71.0
69.3
dBFS
fIN = 1950 MHz
25°C
63.6
66.6
65.3
dBFS
NSR Enabled (28% BW Mode)4
fIN = 10 MHz
25°C
72.4
72.8
72.4
dBFS
fIN = 170 MHz
25°C
72.2
72.6
72.4
dBFS
fIN = 340 MHz
25°C
72.1
72.5
72.1
dBFS
fIN = 450 MHz
25°C
70.5
71.0
71.9
dBFS
fIN = 765 MHz
25°C
67.0
70.0
68.3
dBFS
fIN = 985 MHz
25°C
66.3
68.9
67.7
dBFS
fIN = 1950 MHz
25°C
61.9
65.1
64.1
dBFS
Rev. B | Page 6 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com