Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 55 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices AD6674 Datasheet HTML 53Page - Analog Devices AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Data Sheet
AD6674
Figure 113 to Figure 115 show the typical spectrum that can be
expected from the AD6674 in the 28% BW mode for three
different tuning words.
–140
0
–20
–40
–60
–80
–100
–120
0
175
150
125
100
75
50
25
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 73.0dBFS
ENOB = 11.3 BITS
SFDR = 93dBFS
BUFFER CONTROL 1 = 1.5×
Figure 113. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 10.3 MHz,
28% BW Mode, Tuning Word = 0
–140
0
–20
–40
–60
–80
–100
–120
0
175
150
125
100
75
50
25
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 72.4dBFS
ENOB = 11.2 BITS
SFDR = 96dBFS
BUFFER CONTROL 1 = 1.5×
Figure 114. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 90.3 MHz,
28% BW Mode, Tuning Word = 19 (fS/4 Tuning)
–140
0
–20
–40
–60
–80
–100
–120
0
175
150
125
100
75
50
25
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 72.5dBFS
ENOB = 11.3 BITS
SFDR = 94dBFS
BUFFER CONTROL 1 = 1.5×
Figure 115. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 140.3 MHz,
28% BW Mode, Tuning Word = 43
Rev. B | Page 55 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com