Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 70 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD6674 Datasheet HTML 66Page - Analog Devices AD6674 Datasheet HTML 67Page - Analog Devices AD6674 Datasheet HTML 68Page - Analog Devices AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices AD6674 Datasheet HTML 72Page - Analog Devices AD6674 Datasheet HTML 73Page - Analog Devices AD6674 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
AD6674
Data Sheet
SYSREF± SETUP/HOLD WINDOW MONITOR
To assist in ensuring a valid SYSREF± capture, the AD6674 has
a SYSREF± setup and hold window monitor. This feature allows
the system designer to determine the location of the SYSREF±
signals relative to the CLK± signals by reading back the amount
of setup/hold margin on the interface through the memory
map. Figure 140 and Figure 141 show both the setup and hold
status values for different phases of SYSREF±. The setup
detector returns the status of the SYSREF± signal before the
CLK± edge and the hold detector returns the status of the
SYSREF± signal after the CLK± edge. Register 0x128 stores the
status of SYSREF± and lets the user know if the SYSREF± signal
was successfully captured by the ADC.
VALID
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
REG 0x128[3:0]
CLK±
INPUT
SYSREF±
INPUT
FLIP-FLOP
HOLD (MIN)
FLIP-FLOP
HOLD (MIN)
FLIP-FLOP
SETUP (MIN)
Figure 140. SYSREF± Setup Detector
Rev. B | Page 70 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com