Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6674 Datasheet HTML 44Page - Analog Devices AD6674 Datasheet HTML 45Page - Analog Devices AD6674 Datasheet HTML 46Page - Analog Devices AD6674 Datasheet HTML 47Page - Analog Devices AD6674 Datasheet HTML 48Page - Analog Devices AD6674 Datasheet HTML 49Page - Analog Devices AD6674 Datasheet HTML 50Page - Analog Devices AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
AD6674
Data Sheet
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 105. HB2 Filter Response
HB1 Filter
The fourth and final decimate by 2, half-band, low-pass, FIR
filter (HB1) uses a 55-tap, symmetrical, fixed coefficient filter
implementation that is optimized for low power consumption.
The HB1 filter is always enabled and cannot be bypassed.
Table 22 and Figure 106 show the coefficients and response of
the HB1 filter.
Table 22. HB1 Filter Coefficients
HB1 Coefficient
Number
Normalized
Coefficient
Decimal
Coefficient (21-Bit)
C1, C55
−0.000023
−24
C2, C54
0
0
C3, C53
0.000097
102
C4, C52
0
0
C5, C51
−0.000288
−302
C6, C50
0
0
C7, C49
0.000696
730
C8, C48
0
0
C9, C47
−0.0014725
−1544
C10, C46
0
0
C11, C45
0.002827
2964
C12, C44
0
0
C13, C43
−0.005039
−5284
C14, C42
0
0
C15, C41
0.008491
8903
C16, C40
0
0
C17, C39
−0.013717
−14,383
C18, C38
0
0
C19, C37
0.021591
22,640
C20, C36
0
0
C21, C35
−0.033833
−35,476
C22, C34
0
0
C23, C33
0.054806
57,468
C24, C32
0
0
C25, C31
−0.100557
−105,442
C26, C30
0
0
C27, C29
0.316421
331,792
C28
0.500000
524,288
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 106. HB1 Filter Response
DDC GAIN STAGE
Each DDC contains an independently controlled gain stage.
The gain is selectable as either 0 dB or 6 dB. When mixing a real
input signal down to baseband, it is recommended that the user
enable the 6 dB of gain to recenter the dynamic range of the
signal within the full scale of the output bits.
When mixing a complex input signal down to baseband, the
mixer has already recentered the dynamic range of the signal
within the full scale of the output bits, and no additional gain is
necessary. However, the optional 6 dB gain compensates for low
signal strengths. The downsample by 2 portion of the HB1 FIR
filter is bypassed when using the complex to real conversion
stage.
DDC COMPLEX TO REAL CONVERSION
Each DDC contains an independently controlled complex to
real conversion block. The complex to real conversion block
reuses the last filter (HB1 FIR) in the filtering stage along with
an fS/4 complex mixer to upconvert the signal. After upconvert-
ing the signal, the Q portion of the complex mixer is no longer
needed and is dropped.
Figure 107 shows a simplified block diagram of the complex to
real conversion.
Rev. B | Page 48 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com