Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6674 Datasheet HTML 5Page - Analog Devices AD6674 Datasheet HTML 6Page - Analog Devices AD6674 Datasheet HTML 7Page - Analog Devices AD6674 Datasheet HTML 8Page - Analog Devices AD6674 Datasheet HTML 9Page - Analog Devices AD6674 Datasheet HTML 10Page - Analog Devices AD6674 Datasheet HTML 11Page - Analog Devices AD6674 Datasheet HTML 12Page - Analog Devices AD6674 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Data Sheet
AD6674
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Temp
AD6674-1000
AD6674-750
AD6674-500
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK
Clock Rate (at CLK+/CLK− Pins)
Full
0.3
4
0.3
4
0.3
4
GHz
Maximum Sample Rate1
Full
1000
750
500
MSPS
Minimum Sample Rate2
Full
300
300
300
MSPS
Clock Pulse Width High
Full
500
666.67
1000
ps
Clock Pulse Width Low
Full
500
666.67
1000
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
Full
100
133.33
200
ps
Rise Time (tR) (20% to 80% into 100 Ω
Load)
25°C
32
32
32
ps
Fall Time (tF) (20% to 80% into 100 Ω
Load)
25°C
32
32
32
ps
PLL Lock Time
25°C
2
2
2
ms
Data Rate per Channel (NRZ)4
25°C
3.125
10
12.5
3.125
7.5
12.5
3.125
5
12.5
Gbps
LATENCY
Pipeline Latency
Full
75
75
75
Clock cycles
Fast Detect Latency
Full
28
28
28
Clock cycles
Wake-Up Time (Standby)5
25°C
1
1
1
ms
Wake-Up Time (Power-Down)5
25°C
4
4
4
ms
APERTURE
Aperture Delay (tA)
Full
530
530
530
ps
Aperture Uncertainty (Jitter, tJ)
Full
55
55
55
fs rms
Out-of-Range Recovery Time
Full
1
1
1
Clock cycles
1
The maximum sample rate is the clock rate after the divider.
2
The minimum sample rate operates at 300 MSPS with L = 2 or L = 1.
3
Baud rate = 1/UI. A subset of this range can be supported.
4
At full baud rate (12.5 Gbps), each ADC outputs data on two differential pair lanes.
5
Wake-up time is defined as the time required to return to normal operation from power-down mode or standby mode.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK± to SYSREF± TIMING REQUIREMENTS
tSU_SR
Device clock to SYSREF± setup time
117
ps
tH_SR
Device clock to SYSREF± hold time
−96
ps
SPI TIMING REQUIREMENTS
See Figure 4
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK is in a logic high state
10
ns
tLOW
Minimum period that SCLK is in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge (not shown in Figure 4)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in Figure 4)
10
ns
Rev. B | Page 9 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com