Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 84 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
AD6674
Data Sheet
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x375
DDC 3
frequency
MSB
X
X
X
X
DDC3 NCO FTW[11:8] twos complement
0x00
0x380
DDC 3
phase LSB
DDC3 NCO POW[7:0] twos complement
0x00
0x381
DDC 3
phase MSB
X
X
X
X
DDC3 NCO POW[11:8] twos complement
0x00
0x387
DDC 3
output test
mode
selection
0
0
0
0
0
Q output
test mode
enable
0 = disabled
1 = enabled
from Ch. B
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch. A
0x00
NSR Decimate by 2 and Noise Shaping Requantizer (NSR)
0x41E
NSR
decimate
by 2
High-
pass/
low-pass
mode:
0 =
enable
LPF
1 =
enable
HPF
X
0
0
X
X
X
NSR
decimate
by 2
enable
0 =
disabled
1 =
enabled
0x01;
0x00
for
AD6674
-500
Bit 0 is
ignored
on
AD6674
-750
and
AD6674
-1000
when in
NSR
mode
0x420
NSR mode
X
X
X
X
NSR mode
000 = 21% BW mode
001 = 28% BW mode
X
0x00
0x422
NSR tuning
X
X
NSR tuning word; see the Noise Shaping Requantizer (NSR) section; equations
for the tuning word are dependent on the NSR mode
0x00
Variable Dynamic Range (VDR)
0x430
VDR control
X
X
X
0
X
X
VDR BW
mode
0 = 25%
BW
mode
1 = 43%
BW
mode
(only
available
for dual
complex
mode)
0 = dual
real mode
1 = dual
complex
mode
(Channel A
= I,
Channel B
= Q)
0x01
0x434
VDR tuning
X
X
X
X
VDR center frequency; see the Variable Dynamic
Range (VDR) section for more details on the center
frequency, which is dependent on the VDR mode
0x00
Digital Outputs and Test Modes
0x550
ADC test
modes
(local)
User
pattern
selection
0 =
contin-
uous
repeat
1 = single
pattern
0
Reset PN
long gen
0 = long
PN
enable
1 = long
PN reset
Reset PN
short gen
0 = short
PN enable
1 = short
PN reset
Test mode selection
0000 = off (normal operation)
0001 = midscale short
0010 = positive full scale
0011 = negative full scale
0100 = alternating checker board
0101 = PN sequence, long
0110 = PN sequence, short
0111 = 1/0 word toggle
1000 = user pattern test mode (used with
Register 0x550, Bit 7, and User Pattern 1 to
User Patten 4 registers)
1111 = ramp output
0x00
Rev. B | Page 84 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com