Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6674 Datasheet HTML 20Page - Analog Devices AD6674 Datasheet HTML 21Page - Analog Devices AD6674 Datasheet HTML 22Page - Analog Devices AD6674 Datasheet HTML 23Page - Analog Devices AD6674 Datasheet HTML 24Page - Analog Devices AD6674 Datasheet HTML 25Page - Analog Devices AD6674 Datasheet HTML 26Page - Analog Devices AD6674 Datasheet HTML 27Page - Analog Devices AD6674 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
AD6674
Data Sheet
ESD
PROTECTED
ESD
PROTECTED
SPIVDD
FD_A/FD_B
FD
JESD LMFC
FD_x PIN CONTROL (SPI)
JESD SYNC~
TEMPERATURE DIODE
(FD_A ONLY)
Figure 68. FD_A/FD_B Outputs
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
PDWN/
STBY
PDWN
CONTROL (SPI)
Figure 69. PDWN/STBY Input
ESD
PROTECTED
ESD
PROTECTED
V_1P0
V_1P0 PIN
CONTROL (SPI)
AVDD2
Figure 70. V_1P0 Input/Output
Rev. B | Page 24 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com