Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 87 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
Data Sheet
AD6674
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x571
JESD204B
Link Mode
Control 1
Standby
mode
0 = all
con-
verter
outputs 0
1 = CGS
(K28.5)
Tail bit (T)
PN
0 = disable
1 = enable
T =
N’ − N −
CS
Long
trans-
port layer
test
0 =
disable
1 =
enable
Lane
synchron-
ization
0 = disable
FACI uses
/K28.7/
1 = enable
FACI uses
/K28.3/
and
/K28.7/
ILAS sequence mode
00 = ILAS disabled
01 = ILAS enabled
11 = ILAS always on test
mode
Frame
align-
ment
character
insertion
(FACI)
0 =
enabled
1 =
disabled
Link
control
0 = active
1 = power
down
0x14
0x572
JESD204B
Link Mode
Control 2
SYNCINB± pin control
00 = normal
10 = ignore SYNCINB±
(force CGS)
11 = ignore SYNCINB±
(force ILAS/user data)
SYNCINB±
pin invert
0 = active
low
1 = active
high
SYNCINB±
pin type
0 =
differential
1 = CMOS
0
8B/10B
bypass
0 = normal
1 = bypass
8B/10B
bit
invert
0 =
normal
1 =
invert
abcde
fghij
symbols
0
0x00
0x573
JESD204B
Link Mode
Control 3
CHKSUM mode
00 = sum of all 8-bit link
configuration registers
01 = sum of individual
link configuration fields
10 = checksum set to
zero
Test insertion point
00 = N’ sample input
01 = 10-bit data at
8B/10B output (for PHY
testing)
10 = 8-bit data at
scrambler input
JESD204B test mode patterns
0000 = normal operation (test mode disabled)
0001 = alternating checker board
0010 = 1/0 word toggle
0011 = 31-bit PN sequence—x31 + x28 + 1
0100 = 23-bit PN sequence—x23 + x18 + 1
0101 = 15-bit PN sequence—x15 + x14 + 1
0110 = 9-bit PN sequence—x9 + x5 + 1
0111 = 7-bit PN sequence—x7 + x6 + 1
1000 = ramp output
1110 = continuous/repeat user test
1111 = single user test
0x00
0x574
JESD204B
Link Mode
Control 4
ILAS delay
0000 = transmit ILAS on first LMFC after SYNCINB±
deasserted
0001 = transmit ILAS on second LMFC after
SYNCINB± deasserted
…
1111 = transmit ILAS on 16th LMFC after SYNCINB±
deasserted
0
Link layer test mode
000 = normal operation (link layer test
mode disabled)
001 = continuous sequence of /D21.5/
characters
100 = modified RPAT test sequence
101 = JSPAT test sequence
110 = JTSPAT test sequence
0x00
0x578
JESD204B
LMFC offset
0
0
0
LMFC Phase Offset Value[4:0]
0x00
0x580
JESD204B
DID config
JESD204B Tx DID Value[7:0]
0x00
0x581
JESD204B
BID config
0
0
0
0
JESD204B Tx BID Value[3:0]
0x00
0x583
JESD204B
LID
Config 1
0
0
0
Lane 0 LID Value[4:0]
0x00
0x584
JESD204B
LID
Config 2
0
0
0
Lane 1 LID Value[4:0]
0x01
0x585
JESD204B
LID
Config 3
0
0
0
Lane 2 LID Value[4:0]
0x01
0x586
JESD204B
LID
Config 4
0
0
0
Lane 3 LID Value[4:0]
0x03
0x58B
JESD204B
parameters
(SCR/L)
JESD204B
scram-
bling
(SCR)
0 =
disabled
1 =
enabled
0
0
0
0
0
JESD204B lanes (L)
00 = 1 lane
01 = 2 lanes
11 = 4 lanes
read only; see
Register 0x570
0x83
Rev. B | Page 87 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com