Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 85 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Data Sheet
AD6674
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x551
User
Pattern 1
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x552
User
Pattern 1
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x553
User
Pattern 2
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x554
User
Pattern 2
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x555
User
Pattern 3
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x556
User
Pattern 3
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x557
User
Pattern 4
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x558
User
Pattern 4
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x559
Output
Mode
Control 1
0
Converter Control Bit 1 selection (only
used when CS (0x58F) = 2 or 3)
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit or
VDR Punish Bit 0
011 = fast detect (FD) bit or
VDR Punish Bit 1
100 = VDR high/low resolution bit
101 = system reference
0
Converter Control Bit 0 selection (only
used when CS (0x58F) = 3)
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit or
VDR Punish Bit 0
011 = fast detect (FD) bit or VDR
Punish Bit 1
100 = VDR high/low resolution bit
101 = system reference
0x00
Rev. B | Page 85 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com