Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 71 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD6674 Datasheet HTML 67Page - Analog Devices AD6674 Datasheet HTML 68Page - Analog Devices AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices AD6674 Datasheet HTML 72Page - Analog Devices AD6674 Datasheet HTML 73Page - Analog Devices AD6674 Datasheet HTML 74Page - Analog Devices AD6674 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
Data Sheet
AD6674
CLK±
INPUT
SYSREF±
INPUT
VALID
REG 0x128[7:4]
FLIP-FLOP
HOLD (MIN)
FLIP-FLOP
HOLD (MIN)
FLIP-FLOP
SETUP (MIN)
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
Figure 141. SYSREF± Hold Detector
Table 37 shows the description of the contents of Register 0x128 and how to interpret them.
Table 37. SYSREF± Setup/Hold Monitor, Register 0x128
Register 0x128[7:4] Hold
Status
Register 0x128[3:0] Setup
Status
Description
0x0
0x0 to 0x7
Possible setup error; the smaller this number, the smaller the setup margin
0x0 to 0x8
0x8
No setup or hold error (best hold margin)
0x8
0x9 to 0xF
No setup or hold error (best setup and hold margin)
0x8
0x0
No setup or hold error (best setup margin)
0x9 to 0xF
0x0
Possible hold error; the larger this number, the smaller the hold margin
0x0
0x0
Possible setup or hold error
Rev. B | Page 71 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com