Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 59 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Data Sheet
AD6674
DIGITAL OUTPUTS
INTRODUCTION TO JESD204B INTERFACE
The AD6674 digital outputs are designed to the JEDEC Standard
No. JESD204B serial interface for data converters. JESD204B is
a protocol to link the AD6674 to a digital processing device
over a serial interface with lane rates of up to 12.5 Gbps. The
benefits of the JESD204B interface over LVDS include a reduction
in required board area for data interface routing, and enabling
smaller packages for converter and logic devices.
JESD204B OVERVIEW
The JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8B/10B encoding as well as
optional scrambling to form serial output data. Lane synchroniza-
tion is supported through the use of special control characters
during the initial establishment of the link. Additional control
characters are embedded in the data stream to maintain
synchronization thereafter. A JESD204B receiver is required to
complete the serial link. For additional details on the JESD204B
interface, users are encouraged to refer to the JESD204B
standard.
The AD6674 JESD204B data transmit block maps up to two
physical ADCs or up to eight virtual converters (when DDCs
are enabled) over a link. A link can be configured to use one,
two, or four JESD204B lanes. The JESD204B specification refers
to a number of parameters to define the link and these parameters
must match between the JESD204B transmitter (AD6674
output) and receiver (logic device input).
The JESD204B link is described according to the following
parameters:
•
L is the number of lanes per converter device (lanes per
link) (AD6674 value = 1, 2, or 4)
•
M is the number of converters per converter device (virtual
converters per link) (AD6674 value = 1, 2, 4, or 8)
•
F is the number of octets per frame (AD6674 value = 1, 2,
4, 8, or 16)
•
N΄ is the number of bits per sample (JESD204B word size)
(AD6674 value = 8 or 16)
•
N is the converter resolution (AD6674 value = 7 to 16)
•
CS is the number of control bits per sample (AD6674 value
= 0, 1, 2, or 3)
•
K is the number of frames per multiframe
(AD6674 value = 4, 8, 12, 16, 20, 24, 28, or 32 )
•
S is the number of samples transmitted per single converter
per frame cycle (AD6674 value = set automatically based
on L, M, F, and N΄)
•
HD is high density mode (AD6674 = set automatically
based on L, M, F, and N΄)
•
CF is the number of control words per frame clock cycle
per converter device (AD6674 value = 0)
Figure 120 shows a simplified block diagram of the AD6674
JESD204B link. By default, the AD6674 is configured to use two
converters and four lanes. Converter A data is output to
SERDOUT0±/SERDOUT1±, and Converter B is output to
SERDOUT2±/SERDOUT3±. The AD6674 allows other
configurations such as combining the outputs of both
converters onto a single lane or changing the mapping of the A
and B digital output paths. These modes are set up through a
quick configuration register in the SPI register map, along with
additional customizable options.
By default in the AD6674, the 14-bit converter word from each
converter is broken into two octets (eight bits of data). Bit 13
(MSB) through Bit 6 are in the first octet. The second octet
contains Bit 5 through Bit 0 (LSB) and two tail bits. The tail bits
can be configured as zeros or a pseudorandom number (PN)
sequence. The tail bits can also be replaced with control bits
indicating an overrange, SYSREF±, signal monitor output, or
fast detect output.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is recommended to avoid spectral peaks
when transmitting similar digital data patterns. The scrambler
uses a self synchronizing, polynomial-based algorithm defined
by the equation 1 + x14 + x15. The descrambler in the receiver
must be a self synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8B/10B encoder. The
8B/10B encoder works by taking eight bits of data (an octet) and
encoding them into a 10-bit symbol. Figure 121 shows how the
14-bit data is transferred from the ADC, the tail bits are added,
the two octets are scrambled, and the octets are encoded into
two 10-bit symbols. Figure 121 illustrates the default data format.
Rev. B | Page 59 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com