Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 62 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices AD6674 Datasheet HTML 64Page - Analog Devices AD6674 Datasheet HTML 65Page - Analog Devices AD6674 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
AD6674
Data Sheet
8B/10B Encoder
The 8B/10B encoder converts 8-bit octets into 10-bit symbols
and inserts control characters into the stream when needed.
The control characters used in JESD204B are shown in Table 33.
The 8B/10B encoding ensures that the signal is dc balanced by
using the same number of ones and zeros across multiple symbols.
The 8B/10B interface has options that can be controlled via the
SPI. These operations include bypass and invert. These options
are intended to be a troubleshooting tool for the verification of
the digital front end (DFE). Refer to the Memory Map section,
Register 0x572[2:1], for information on configuring the 8B/10B
encoder.
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing and Controls
The AD6674 physical layer consists of drivers that are defined
in the JEDEC Standard No. 204B (July 2011). The differential
digital outputs are powered up by default. The drivers use a
dynamic 100 Ω internal termination to reduce unwanted
reflections.
Place a 100 Ω differential termination resistor at each receiver
input, which results in a nominal 300 mV p-p swing at the
receiver (see Figure 124). Alternatively, single-ended 50 Ω
termination resistors can be used. When single-ended
termination is used, the termination voltage is DRVDD/2;
otherwise, 0.1 μF ac coupling capacitors can be used to
terminate to any single-ended voltage.
OR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
OUTPUT SWING = 300mV p-p
0.1µF
100Ω
50Ω
50Ω
0.1µF
RECEIVER
VCM = VRXCM
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 124. AC-Coupled Digital Output Termination Example
The AD6674 digital outputs can interface with custom ASICs
and FPGA receivers, providing superior switching performance
in noisy environments. Single point-to-point network topologies
are recommended with a single differential 100 Ω termination
resistor placed as close to the receiver inputs as possible. The
common mode of the digital output automatically biases itself
to half the DRVDD supply of 1.2 V (VCM = 0.6 V). See Figure 125
for an example of dc coupling the outputs to the receiver logic.
SERDOUTx+
DRVDD
SERDOUTx–
OUTPUT SWING = 300mV p-p
100Ω
RECEIVER
VCM = DRVDD/2
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 125. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
Figure 126 to Figure 128, Figure 129 to Figure 131, and Figure 132
to Figure 134 show examples of the digital output data eye, time
interval error (TIE) jitter histogram, and bathtub curve for one
AD6674 lane running at 10 Gbps, 7.37 Gbps, and 6 Gbps,
respectively. The format of the output data is twos complement
by default. To change the output data format, see the Memory
Map section (Register 0x561 in Table 45).
De-Emphasis
De-emphasis enables the receiver eye diagram mask to be met
in conditions where the interconnect insertion loss does not
meet the JESD204B specification. Use the de-emphasis feature
only when the receiver is unable to recover the clock due to
excessive insertion loss. Under normal conditions, it is disabled
to conserve power. Additionally, enabling and setting too high a
de-emphasis value on a short link may cause the receiver eye
diagram to fail. Use the de-emphasis setting with caution
because it may increase EMI. See the Memory Map section
(Register 0x5C1 to Register 0x5C5 in Table 45) for more
information.
PLL
The PLL is used to generate the serializer clock, which operates
at the JESD204B lane rate. The JESD204B lane rate control bit
(Register 0x56E[4]) must be set to correspond with the lane rate.
Rev. B | Page 62 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com