Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 73 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices AD6674 Datasheet HTML 72Page - Analog Devices AD6674 Datasheet HTML 73Page - Analog Devices AD6674 Datasheet HTML 74Page - Analog Devices AD6674 Datasheet HTML 75Page - Analog Devices AD6674 Datasheet HTML 76Page - Analog Devices AD6674 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
Data Sheet
AD6674
Rev. B | Page 73 of 91
Table 40, Table 41, and Table 42 show examples of some of the
test modes when inserted at the JESD204B sample input,
physical layer (PHY) 10-bit input, and scrambler 8-bit input.
UP in the Table 40 to Table 42 represent the user pattern control
bits from the memory map register table (see Table 45).
Data Link Layer Test Modes
The data link layer test modes are implemented in the AD6674
as defined by Section 5.3.3.8.2 in the JEDEC JESD204B specifica-
tion. These tests are shown in Register 0x574, Bits[2:0]. Test
patterns inserted at this point are useful for verifying the
functionality of the data link layer. When the data link layer
test modes are enabled, disable SYNCINB± by writing 0xC0 to
Register 0x572.
Table 40. JESD204B Sample Input for M = 2, S = 2, N΄ = 16 (Register 0x573[5:4] = 'b00)
Frame
No.
Converter
No.
Sample
No.
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
PN9
PN23
User
Repeat
User
Single
0
0
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
0
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
1
0
0
0xAAAA
0xFFFF
(x + 1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
0
1
0xAAAA
0xFFFF
(x + 1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
0
0xAAAA
0xFFFF
(x + 1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
1
0xAAAA
0xFFFF
(x + 1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
2
0
0
0x5555
0x0000
(x + 2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
0
1
0x5555
0x0000
(x + 2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
0
0x5555
0x0000
(x + 2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
1
0x5555
0x0000
(x + 2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
3
0
0
0xAAAA
0xFFFF
(x + 3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
0
1
0xAAAA
0xFFFF
(x + 3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
0
0xAAAA
0xFFFF
(x + 3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
1
0xAAAA
0xFFFF
(x + 3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
4
0
0
0x5555
0x0000
(x + 4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
0
1
0x5555
0x0000
(x + 4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
0
0x5555
0x0000
(x + 4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
1
0x5555
0x0000
(x + 4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
Table 41. Physical Layer 10-Bit Input (Register 0x573[5:4] = 'b01)
10-Bit Symbol No.
Alternating Checkerboard
1/0 Word Toggle
Ramp
PN9
PN23
User Repeat
User Single
0
0x155
0x000
(x) % 210
0x125
0x3FD
UP1[15:6]
UP1[15:6]
1
0x2AA
0x3FF
(x + 1) % 210
0x2FC
0x1C0
UP2[15:6]
UP2[15:6]
2
0x155
0x000
(x + 2) % 210
0x26A
0x00A
UP3[15:6]
UP3[15:6]
3
0x2AA
0x3FF
(x + 3) % 210
0x198
0x1B8
UP4[15:6]
UP4[15:6]
4
0x155
0x000
(x + 4) % 210
0x031
0x028
UP1[15:6]
0x000
5
0x2AA
0x3FF
(x + 5) % 210
0x251
0x3D7
UP2[15:6]
0x000
6
0x155
0x000
(x + 6) % 210
0x297
0x0A6
UP3[15:6]
0x000
7
0x2AA
0x3FF
(x + 7) % 210
0x3D1
0x326
UP4[15:6]
0x000
8
0x155
0x000
(x + 8) % 210
0x18E
0x10F
UP1[15:6]
0x000
9
0x2AA
0x3FF
(x + 9) % 210
0x2CB
0x3FD
UP2[15:6]
0x000
10
0x155
0x000
(x + 10) % 210
0x0F1
0x31E
UP3[15:6]
0x000
11
0x2AA
0x3FF
(x + 11) % 210
0x3DD
0x008
UP4[15:6]
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com