Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 81 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD6674 Datasheet HTML 77Page - Analog Devices AD6674 Datasheet HTML 78Page - Analog Devices AD6674 Datasheet HTML 79Page - Analog Devices AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
Data Sheet
AD6674
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x26F
Signal
monitor
synchro-
nization
control
0
0
0
0
0
0
Synchronization mode
00 = disabled
01 = continuous
11 = 1 shot
0x00
See the
Signal
Monitor
section
0x270
Signal
monitor
control
(local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x00
0x271
Signal
Monitor
Period
Register 0
(local)
Signal Monitor Period[7:1]
0
0x80
In dec-
imated
output
clock
cycles
0x272
Signal
Monitor
Period
Register 1
(local)
Signal Monitor Period[15:8]
0x00
In dec-
imated
output
clock
cycles
0x273
Signal
Monitor
Period
Register 2
(local)
Signal Monitor Period[23:16]
0x00
In dec-
imated
output
clock
cycles
0x274
Signal
monitor
result
control
(local)
0
0
0
Result
update
1 = update
results
(self clear)
0
0
0
Result
selection
0 =
reserved
1 = Peak
detector
0x01
0x275
Signal
Monitor
Result
Register 0
(local)
Signal Monitor Result[7:0]
When 0x0274[0] = 1, Result Bits[19:7] = Peak Detector Absolute Value[12:0]; Result Bits[6:0] = 0
Read
only
Updated
based
on Reg.
0x0274,
Bit 4
0x276
Signal
Monitor
Result
Register 1
(local)
Signal Monitor Result[15:8]
Read-
only
Updated
based
on Reg.
0x0274,
Bit 4
0x277
Signal
Monitor
Result
Register 1
(local)
0
0
0
0
Signal Monitor Result[19:16]
Read-
only
Updated
based
on Reg.
0x0274,
Bit 4
0x278
Signal
monitor
period
counter
result
(local)
Period Count Result[7:0]
Read-
only
Updated
based
on Reg.
0x0274,
Bit 4
0x279
Signal
monitor
SPORT over
JESD204B
control
(local)
0
0
0
0
0
0
00 = reserved
11 = enabled
0x00
0x27A
SPORT over
JESD204B
input
selection
(local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x02
Rev. B | Page 81 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com