Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6674 Datasheet HTML 11Page - Analog Devices AD6674 Datasheet HTML 12Page - Analog Devices AD6674 Datasheet HTML 13Page - Analog Devices AD6674 Datasheet HTML 14Page - Analog Devices AD6674 Datasheet HTML 15Page - Analog Devices AD6674 Datasheet HTML 16Page - Analog Devices AD6674 Datasheet HTML 17Page - Analog Devices AD6674 Datasheet HTML 18Page - Analog Devices AD6674 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Data Sheet
AD6674
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 59.8BFS
ENOB = 9.6 BITS
SFDR = 79dBFS
BUFFER CONTROL 1 = 8.0×
–120
–100
–80
–60
–40
–20
0
Figure 12. Single Tone FFT with fIN = 1293.3 MHz
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 57.7dBFS
ENOB = 9.2 BITS
SFDR = 70dBFS
BUFFER CONTROL 1 = 8.0×
–120
–100
–80
–60
–40
–20
0
Figure 13. Single Tone FFT with fIN = 1725.3 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
AIN = –1dBFS
SNR = 57.0dBFS
ENOB = 9.1 BITS
SFDR = 69dBFS
BUFFER CURRENT = 6.0×
Figure 14. Single Tone FFT with fIN = 1950.3 MHz
SAMPLE RATE (MHz)
60
65
70
75
80
85
90
700
750
800
850
900
950
1000
1050
1100
SNR (dBFS)
SFDR (dBFS)
Figure 15. SNR/SFDR vs. Sample Rate (fS), fIN = 170.3 MHz;
Buffer Control 1 = 3.0×
ANALOG INPUT FREQUENCY (MHz)
0
10
90
80
70
60
50
40
30
10.3
63.3
100.3 170.3 225.3 302.3 341.3 403.3 453.3 502.3
20
1.5×, SFDR
3.0×, SFDR
3.0×, SNR
1.5×, SNR
Figure 16. SNR/SFDR vs. Analog Input Frequency (fIN);
fIN < 500 MHz; Buffer Control 1 = 1.5× and 3.0×
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
500
400
300
200
100
AIN1 AND AIN2 = –7dBFS
SFDR = 87dBFS
IMD2 = 93dBFS
IMD3 = 87dBFS
BUFFER CONTROL 1 = 3.0×
Figure 17. Two-Tone FFT; fIN1 = 184 MHz, fIN2 = 187 MHz
Rev. B | Page 15 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com