Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 88 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
AD6674
Data Sheet
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x58C
JESD204B F
config
Number of octets per frame, F = 0x58C[7:0] + 1
0x00
Read
only,
see Reg.
0x570
0x58D
JESD204B K
config
0
0
0
Number of frames per multi-frame, K = 0x58D[4:0] + 1
Only values where (F × K) mod 4 = 0 are supported
0x1F
See Reg.
0x570
0x58E
JESD204B
M config
Number of Converters per Link[7:0]
0x00 = link connected to one virtual converter (M = 1)
0x01 = link connected to two virtual converters (M = 2)
0x03 = link connected to four virtual converters (M = 4)
0x07 = link connected to eight virtual converters (M = 8)
0x01
Read
only
0x58F
JESD204B
parameters
(CS/N)
Number of control bits
(CS) per sample
00 = no control bits
(CS = 0)
01 = 1 control bit (CS =
1); Control Bit 2 only
10 = 2 control bits (CS =
2); Control Bit 2 and
Control Bit 1 only
11 = 3 control bits
(CS = 3); all control bits
(2, 1, 0)
0
Converter resolution (N)
0x06 = 7-bit resolution
0x07 = 8-bit resolution
0x08 = 9-bit resolution
0x09 = 10-bit resolution
0x0A = 11-bit resolution
0x0B = 12-bit resolution
0x0C = 13-bit resolution
0x0D = 14-bit resolution
0x0E = 15-bit resolution
0x0F = 16-bit Resolution
0x0F
0x590
JESD204B
parameter
(NP)
Subclass support
000 = Subclass 0 (no deterministic
latency)
001 = Subclass 1
Number of bits per sample (N’)
0x7 = 8 bits
0xF = 16 bits
0x2F
0x591
JESD204B
parameter
(S)
0
0
1
Samples per converter frame cycle (S)
S value = 0x591[4:0] +1
Read
only
0x592
JESD204B
parameters
(HD and CF)
HD value
0 =
disabled
1 =
enabled
0
0
Control words per frame clock cycle per link (CF)
CF value = 0x592[4:0]
0x80
Read
only
0x5A0
JESD204B
CHKSUM 0
CHKSUM value for SERDOUT0±[7:0]
0x81
Read
only
0x5A1
JESD204B
CHKSUM 1
CHKSUM value for SERDOUT1±[7:0]
0x82
Read
only
0x5A2
JESD204B
CHKSUM 2
CHKSUM value for SERDOUT2±[7:0]
0x82
Read
only
0x5A3
JESD204B
CHKSUM 3
CHKSUM value for SERDOUT3±[7:0]
0x84
Read
only
0x5B0
JESD204B
lane power-
down
1
SER-
DOUT3±
0 = on
1 = off
1
SER-
DOUT2±
0 = on
1 = off
1
SERDOUT1±
0 = on
1 = off
1
SER-
DOUT0±
0 = on
1 = off
0xAA
0x5B2
JESD204B
lane
SERDOUT0±
assign
X
X
X
X
0
Physical Lane 0 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x00
0x5B3
JESD204B
lane
SERDOUT1±
assign
X
X
X
X
0
Physical Lane 1 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x11
0x5B5
JESD204B
lane
SERDOUT2±
assign
X
X
X
X
0
Physical Lane 2 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x22
Rev. B | Page 88 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com