Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 60 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices AD6674 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
AD6674
Data Sheet
ADC
A
ADC
B
SYSREF±
SYNCINB±
CONVERTER A
INPUT
CONVERTER B
INPUT
CONVERTER 0
CONVERTER 1
SERDOUT0–,
SERDOUT0+
SERDOUT1–,
SERDOUT1+
SERDOUT2–,
SERDOUT2+
SERDOUT3–,
SERDOUT3+
LANE MUX
AND MAPPING
(SPI
REG 0x5B0,
REG 0x5B2,
REG 0x5B3,
REG 0x5B5,
REG 0x5B6)
JESD204B LINK
CONTROL
(L, M, F)
(SPI REG 0x570)
MUX/
FORMAT
(SPI
REG 0x561,
REG 0x564)
NOISE
SHAPING
REQUANTIZER
NOISE
SHAPING
REQUANTIZER
Figure 120. Transmit Link Simplified Block Diagram Showing Full Bandwidth Mode (Register 0x200 = 0x07)
JESD204B SAMPLE
CONSTRUCTION
SERDOUT0±
SERDOUT1±
TAIL BITS
REG 0x571[6]
FRAME
CONSTRUCTION
SCRAMBLER
1 +
x14 + x15
(OPTIONAL)
8B/10B
ENCODER
SERIALIZER
ADC
ADC TEST PATTERNS
(REG 0x550,
REG 0x551 TO REG 0x558)
JESD204B LONG
TRANSPORT TEST
PATTERN
REG 0x571[5]
JESD204B DATA
LINK LAYER TEST
PATTERNS
REG 0x574[2:0]
MSB
LSB
SYMBOL0
SYMBOL1
a
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A13
A12
A11
A10
A9
A8
A6
A7
A5
A4
A3
A2
A1
A0
C2
T
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
MSB
LSB
b c d e f g h i
j
a b . . . .
. . . .
a b
i
j
i
j
a b c d e f g h i
j
C2
C1
C0
CONTROL BITS
JESD204B
INTERFACE TEST
PATTERNS
(REG 0x573,
REG 0x551 TO REG 0x558)
S7
S6
S5
S4
S3
S2
S1
S0
Figure 121. ADC Output Datapath Showing Data Framing
TRANSPORT
LAYER
PHYSICAL
LAYER
DATA LINK
LAYER
Tx
OUTPUT
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
SCRAMBLER
ALIGNMENT
CHARACTER
GENERATION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SERIALIZER
PROCESSED
SAMPLES
FROM ADC
SYSREF±
SYNCINB±
Figure 122. Data Flow
FUNCTIONAL OVERVIEW
The block diagram in Figure 122 shows the flow of data through
the JESD204B hardware from the sample input to the physical
output. The processing can be divided into layers that are derived
from the open-source initiative (OSI) model that is widely used
to describe the abstractions layers of communications systems.
These are the transport layer, data link layer, and physical layer
(serializer and output driver).
Transport Layer
The transport layer packs the data (consisting of samples and
optional control bits) into JESD204B frames, which are mapped
to 8-bit octets that are sent to the data link layer. The transport
layer mapping is controlled by rules derived from the link
parameters. Tail bits are added to fill gaps where required. Use
the following equation to determine the number of tail bits
within a sample (JESD204B word):
T = N΄ − N − CS
Data Link Layer
The data link layer is responsible for the low level functions of
passing data across the link. These include optionally
scrambling the data, inserting control characters for multichip
synchronization/lane alignment/monitoring, and encoding
8-bit octets into 10-bit symbols. The data link layer is also
responsible for sending the ILAS, which contains the link
configuration data, used by the receiver to verify the settings in
the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. In this section, parallel data is converted
into one, two, or four lanes of high speed differential serial data.
JESD204B LINK ESTABLISHMENT
The AD6674 JESD204B Tx interface operates in Subclass 1 as
defined in the JEDEC Standard No. 204B (July 2011) specification.
The link establishment process is divided into the following
steps: code group synchronization, ILAS, and user data.
Rev. B | Page 60 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com